| Zakładka z wyszukiwarką danych komponentów |
|
UM1865 Arkusz danych(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1865 Arkusz danych(HTML) 14 Page - STMicroelectronics |
|
14 / 132 page ![]() Standard HCI commands UM1865 14/132 DocID027514 Rev 1 3.3 Correct use of HCI commands The use HCI commands for advertising needs to follow a particular sequence to ensure correct outcome. The sequence is in case of starting advertising. When using the commands at HCI level, the correct sequence has to be followed as below: 1. HCI_LE_Set_Advertising_Parameters - Used to set the advertising parameters. 2. HCI_LE_Set_Advertising_Data - Used to set the data used in advertising packets that have a data field. 3. HCI_LE_Set_Scan_Response - Used to set the data used in scanning packets that have a data field. 4. HCI_LE_Set_Advertise_Enable - Turn on Advertising. |