Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM1865 Arkusz danych(PDF) 78 Page - STMicroelectronics

Numer części UM1865
Szczegółowy opis  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Arkusz danych(HTML) 78 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 74Page - STMicroelectronics UM1865 Datasheet HTML 75Page - STMicroelectronics UM1865 Datasheet HTML 76Page - STMicroelectronics UM1865 Datasheet HTML 77Page - STMicroelectronics UM1865 Datasheet HTML 78Page - STMicroelectronics UM1865 Datasheet HTML 79Page - STMicroelectronics UM1865 Datasheet HTML 80Page - STMicroelectronics UM1865 Datasheet HTML 81Page - STMicroelectronics UM1865 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 132 page
background image
Vendor specific commands
UM1865
78/132
DocID027514 Rev 1
Event(s) generated:
When the command has completed, the controller will generate a command complete
event.
4.5.8
Aci_Gatt_Del_Characteristic
Description:
Delete the characteristic specified from the service.
Char_Value_Length 1 byte
Length of the characteristic value in octets
Char_Value
0-N bytes
Characteristic value
Table 144. Aci_Gatt_Update_Char_Value return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x47: Error
0x60: Invalid handle
0x61: Invalid parameter
0x64: Insufficient resources
Table 143. Aci_Gatt_Update_Char_Value command parameters (continued)
Parameter
Size
Description
Table 145. Aci_Gatt_Del_Characteristic
Command name
Parameters
Return
Aci_Gatt_Del_Characteristic (0xFD07)
Serv_Handle
Char_Handle
Status
Table 146. Aci_Gatt_Del_Characteristic command parameters
Parameter
Size
Description
Serv_Handle
2 bytes
Handle of the service to which characteristic belongs
Char_Handle
2 bytes
Handle of the characteristic to description to be deleted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More