Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM1865 Arkusz danych(PDF) 44 Page - STMicroelectronics

Numer części UM1865
Szczegółowy opis  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Arkusz danych(HTML) 44 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 40Page - STMicroelectronics UM1865 Datasheet HTML 41Page - STMicroelectronics UM1865 Datasheet HTML 42Page - STMicroelectronics UM1865 Datasheet HTML 43Page - STMicroelectronics UM1865 Datasheet HTML 44Page - STMicroelectronics UM1865 Datasheet HTML 45Page - STMicroelectronics UM1865 Datasheet HTML 46Page - STMicroelectronics UM1865 Datasheet HTML 47Page - STMicroelectronics UM1865 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 132 page
background image
Vendor specific commands
UM1865
44/132
DocID027514 Rev 1
Event(s) generated:
The controller will generate a command status event when the command is received and a
Disconnection Complete event will be generated when the link is disconnected.
4.3.22
Aci_Gap_Clear_Security_Database
Description:
Clear the security database. All the devices in the security database will be removed.
Event(s) generated:
The controller will generate a command complete event on the completion of the command.
Table 71. Aci_Gap_Terminate return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x0C: Command disallowed
Table 72. Aci_Gap_Clear_Security_Database
Command name
Parameters
Return
Aci_Gap_Clear_Security_Database (0xFC94)
Status
Table 73. Aci_Gap_Clear_Security_Database return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x4B: Flash erase failed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More