Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM1865 Arkusz danych(PDF) 43 Page - STMicroelectronics

Numer części UM1865
Szczegółowy opis  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Arkusz danych(HTML) 43 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 39Page - STMicroelectronics UM1865 Datasheet HTML 40Page - STMicroelectronics UM1865 Datasheet HTML 41Page - STMicroelectronics UM1865 Datasheet HTML 42Page - STMicroelectronics UM1865 Datasheet HTML 43Page - STMicroelectronics UM1865 Datasheet HTML 44Page - STMicroelectronics UM1865 Datasheet HTML 45Page - STMicroelectronics UM1865 Datasheet HTML 46Page - STMicroelectronics UM1865 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 132 page
background image
DocID027514 Rev 1
43/132
UM1865
Vendor specific commands
132
4.3.20
Aci_Gap_Configure_WhiteList
Description:
Configure the controller's white list with devices that are present in the security database.
Event(s) generated:
The controller will generate a command complete event on the completion of the command
and the status indicates whether the white list was configured or not. The command will
return an error if there are no devices in the database or it was unable to add to the white
list.
4.3.21
Aci_Gap_Terminate
Description:
Command the controller to terminate the connection.
Table 67. Aci_Gap_Configure_WhiteList
Command name
Parameters
Return
Aci_Gap_Configure_WhiteList (0xFC92)
Status
Table 68. Aci_Gap_Configure_WhiteList return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x12: Invalid HCI command parameter
0x47: Error
Table 69. Aci_Gap_Terminate
Command name
Parameters
Return
Aci_Gap_Terminate (0xFC93)
Conn handle
Reason
Status
Table 70. Aci_Gap_Terminate command parameters
Parameter
Size
Description
Conn handle
2 bytes
Handle of the connection to be terminated
Reason
1 byte
Reason for requesting disconnection. The error code can be any
of ones as specified for the disconnected command in the HCI
specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More