| Zakładka z wyszukiwarką danych komponentów |
|
UM1865 Arkusz danych(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1865 Arkusz danych(HTML) 110 Page - STMicroelectronics |
|
110 / 132 page ![]() Vendor specific commands UM1865 110/132 DocID027514 Rev 1 4.5.42 Aci_Gatt_Set_Descriptor_Value Description: This command sets the value of the descriptor specified by Desc_handle. Event(s) generated: A command complete event is generated when this command is processed. Table 247. Aci_Gatt_Set_Descriptor_Value Command name Parameters Return Aci_Gatt_Set_Descriptor_Value (0xFD29) Service_Handle Char_Handle Desc_Handle val_offset desc_val_len desc_val Status Table 248. Aci_Gatt_Set_Descriptor_Value command parameters Parameter Size Description Service handle 2 bytes Handle of the service which contains the descriptor. Char handle 2 bytes Handle of the characteristic which contains the descriptor. Desc handle 2 bytes Handle of the descriptor whose value has to be set. val_offset 2 bytes Offset from which the descriptor value has to be updated. desc_val_len 2 bytes Length of the descriptor value desc_val 0-N bytes Descriptor value Table 249. Aci_Gatt_Set_Descriptor_Value return parameters Parameter Size Description Status 1 byte 0x00: Success 0x47: Error 0x60: Invalid handle 0x61: Invalid parameter |