Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC2114 Arkusz danych(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Numer części FDC2114
Szczegółowy opis  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114 Arkusz danych(HTML) 42 Page - Texas Instruments

Back Button FDC2114 Datasheet HTML 38Page - Texas Instruments FDC2114 Datasheet HTML 39Page - Texas Instruments FDC2114 Datasheet HTML 40Page - Texas Instruments FDC2114 Datasheet HTML 41Page - Texas Instruments FDC2114 Datasheet HTML 42Page - Texas Instruments FDC2114 Datasheet HTML 43Page - Texas Instruments FDC2114 Datasheet HTML 44Page - Texas Instruments FDC2114 Datasheet HTML 45Page - Texas Instruments FDC2114 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
Level (mm)
10
15
20
25
30
35
40
4.1
4.15
4.2
4.25
4.3
4.35
4.4
4.45
4.5
4.55
4.6
4.65
4.7
D031
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Typical Application (continued)
Figure 57. Electrodes' Capacitance vs. Liquid Level
10.2.3.2 Recommended Initial Register Configuration Values
The application requires 100SPS ( TSAMPLE = 10 ms). A sensor with an 18µH inductor and a 33pF capacitor
is used. Additional pin, trace, and wire capacitance accounts for 20pF, so the total capacitance is 53pF.
Using L and C, fSENSOR = 1/2π√(LC) = 1/2π√(18*10
-6 * 50*10-12) = 5.15 MHz. This represents the maximum
sensor frequency. When the sensor capacitance is added, the frequency will decrease.
Using a system master clock of 40 MHz applied to the CLKIN pin allows flexibility for setting the internal
clock frequencies. The sensor coils are connected to channel 0 (IN0A and IN0B pins), channel 1 (IN1A and
IN1B pins), and channel 2 (IN2A and IN2B pins).
After powering on the FDC, it will be in Sleep Mode. Program the registers as follows (example sets registers
for channel 0 only; channel 1 and channel 2 registers can use equivalent configuration):
1. Set the dividers for channel 0.
(a) Because the sensor is in an single-ended configuration, the sensor frequency select register should be
set to 2, which means setting field CH0_FIN_SELto b10.
(b) The design constraint for fREF0 is > 4 × fSENSOR. To satisfy this constraint, fREF0 must be greater than 20.6
MHz, so the reference divider should be set to 1. This is done by setting the CH0_FREF_DIVIDER field
to 0x01.
(c) The combined value for Chan. 0 divider register (0x14) is 0x2001.
2. Sensor drive current: to ensure that the oscillation amplitude is between 1.2V and 1.8V, measure the
oscillation amplitude on an oscilloscope and adjust the IDRIVE value, or use the integrated FDC GUI feature
to determine the optimal setting. In this case the IDRIVE value should be set to 15 (decimal), which results in
an oscillation amplitude of 1.68 V(pk). The INIT_DRIVE current field should be set to 0x00. The combined
value for the DRIVE_CURRENT_CH0 register (addr 0x1E) is 0x7C00.
3. Program the settling time for Channel 0 (see Multi-Channel and Single-Channel Operation).
(a) CHx_SETTLECOUNT > Vpk × fREFx × C × π
2 / (32 × IDRIVE
X) → 7.5, rounded up to 8. To provide margin
to account for system tolerances, a higher value of 10 is chosen.
(b) Register 0x10 should be programmed to a minimum of 10.
(c) The settle time is: (10 x 16)/40,000,000 = 4 µs
(d) The value for Chan. 0 SETTLECOUNT register (0x10) is 0x000A.
4. The channel switching delay is ~1
μs for fREF = 40 MHz (see Multi-Channel and Single-Channel Operation)
5. Set the conversion time by the programming the reference count for Channel 0. The budget for the
conversion time is : 1/N * (TSAMPLE – settling time – channel switching delay) = 1/3 (10,000 – 4 – 1) = 3.33
ms
(a) To determine the conversion time register value, use the following equation and solve for
CH0_RCOUNT: Conversion Time (tC0)= (CH0_RCOUNTˣ16)/fREF0.
(b) This results in CH0_RCOUNT having a value of 8329 decimal (rounded down). Note that this yields an
ENOB > 13 bits.
42
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com