Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC2114 Arkusz danych(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Numer części FDC2114
Szczegółowy opis  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114 Arkusz danych(HTML) 58 Page - Texas Instruments

Back Button FDC2114 Datasheet HTML 53Page - Texas Instruments FDC2114 Datasheet HTML 54Page - Texas Instruments FDC2114 Datasheet HTML 55Page - Texas Instruments FDC2114 Datasheet HTML 56Page - Texas Instruments FDC2114 Datasheet HTML 57Page - Texas Instruments FDC2114 Datasheet HTML 58Page - Texas Instruments FDC2114 Datasheet HTML 59Page - Texas Instruments FDC2114 Datasheet HTML 60Page - Texas Instruments FDC2114 Datasheet HTML 61Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
www.ti.com
PACKAGE OUTLINE
C
16X 0.3
0.2
2.6 0.1
12X 0.5
16X 0.5
0.3
4X
1.5
0.8 MAX
A
4.1
3.9
B
4.1
3.9
0.3
0.2
0.5
0.3
(0.1)
TYP
4214978/A 10/2013
WQFN - 0.8 mm max height
RGH0016A
WQFN
PIN 1 INDEX AREA
SEATING PLANE
1
4
9
12
5
8
16
13
(OPTIONAL)
PIN 1 ID
DETAIL
SEE TERMINAL
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
0.1
C A
B
0.05
C
SCALE 3.500
DETAIL
OPTIONAL TERMINAL
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com