Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 112 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 112 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 108Page - STMicroelectronics STM32L496AE Datasheet HTML 109Page - STMicroelectronics STM32L496AE Datasheet HTML 110Page - STMicroelectronics STM32L496AE Datasheet HTML 111Page - STMicroelectronics STM32L496AE Datasheet HTML 112Page - STMicroelectronics STM32L496AE Datasheet HTML 113Page - STMicroelectronics STM32L496AE Datasheet HTML 114Page - STMicroelectronics STM32L496AE Datasheet HTML 115Page - STMicroelectronics STM32L496AE Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 263 page
background image
Electrical characteristics
STM32L496xx
112/263
DocID029173 Rev 2
Table 19. Voltage characteristics(1)
Symbol
Ratings
Min
Max
Unit
VDDX - VSS
External main supply voltage (including VDD,
VDDA, VDDIO2, VDDUSB, VLCD, VBAT)
-0.3
4.0
V
VDD12 - VSS
External SMPS supply voltage
Range 1
-0.3
1.32
Range 2
-0.3
VIN(2)
Input voltage on FT_xxx pins
VSS-0.3
min (VDD, VDDA, VDDIO2,
VDDUSB, VLCD) + 4.0(3)(4)
Input voltage on TT_xx pins
VSS-0.3
4.0
Input voltage on BOOT0 pin
VSS
9.0
Input voltage on any other pins
VSS-0.3
4.0
|∆VDDx|
Variations between different VDDX
power pins of the same domain
-50
mV
|VSSx-VSS|
Variations between all the different
ground pins(5)
-50
mV
1. All main power (VDD, VDDA, VDDIO2, VDDUSB, VLCD, VBAT) and ground (VSS, VSSA) pins must always be connected to the
external power supply, in the permitted range.
2. VIN maximum must always be respected. Refer to Table 20: Current characteristics for the maximum allowed injected
current values.
3. This formula has to be applied only on the power supplies related to the IO structure described in the pin definition table.
4. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled.
5. Include VREF- pin.
Table 20. Current characteristics
Symbol
Ratings
Max
Unit
∑IVDD
Total current into sum of all VDD power lines (source)(1) (2)
150
mA
∑IVSS
Total current out of sum of all VSS ground lines (sink)(1)
150
IVDD(PIN)
Maximum current into each VDD power pin (source)(1)(2)
100
IVSS(PIN)
Maximum current out of each VSS ground pin (sink)(1)
100
IIO(PIN)
Output current sunk by any I/O and control pin except FT_f
20
Output current sunk by any FT_f pin
20
Output current sourced by any I/O and control pin
20
∑IIO(PIN)
Total output current sunk by sum of all I/Os and control pins(3)
100
Total output current sourced by sum of all I/Os and control pins(3)
100
IINJ(PIN)(4)
Injected current on FT_xxx, TT_xx, RST and B pins, except PA4,
PA5
-5/+0(5)
Injected current on PA4, PA5
-5/0
∑|IINJ(PIN)|
Total injected current (sum of all I/Os and control pins)(6)
25
1. All main power (VDD, VDDA, VDDIO2, VDDUSB, VLCD, VBAT) and ground (VSS, VSSA) pins must always be connected to the
external power supplies, in the permitted range.
2. Valid also for VDD12 on SMPS Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com