Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 114 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 114 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 110Page - STMicroelectronics STM32L496AE Datasheet HTML 111Page - STMicroelectronics STM32L496AE Datasheet HTML 112Page - STMicroelectronics STM32L496AE Datasheet HTML 113Page - STMicroelectronics STM32L496AE Datasheet HTML 114Page - STMicroelectronics STM32L496AE Datasheet HTML 115Page - STMicroelectronics STM32L496AE Datasheet HTML 116Page - STMicroelectronics STM32L496AE Datasheet HTML 117Page - STMicroelectronics STM32L496AE Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 263 page
background image
Electrical characteristics
STM32L496xx
114/263
DocID029173 Rev 2
VBAT
Backup operating voltage
-
1.55
3.6
V
VDDUSB USB supply voltage
USB used
3.0
3.6
USB not used
0
3.6
VIN
I/O input voltage
TT_xx I/O
-0.3
VDDIOx+0.3
BOOT0
0
9
All I/O except BOOT0 and TT_xx
-0.3
MIN(MIN(VDD, VDDA,
VDDIO2, VDDUSB,
VLCD)+3.6 V,
5.5 V)(2)(3)
PD
Power dissipation at
TA = 85 °C for suffix 6(4)
LQFP144
-
-
625
mW
LQFP100
-
-
476
LQFP64
-
-
444
UFBGA169
-
385
UFBGA132
-
-
364
WLCSP100
-
-
559
PD
Power dissipation at
TA = 125 °C for suffix 3(4)
LQFP144
-
-
156
mW
LQFP100
-
-
119
LQFP64
-
-
111
UFBGA169
-
96
UFBGA132
-
-
91
WLCSP100
-
-
140
TA
Ambient temperature for the
suffix 6 version
Maximum power dissipation
–40
85
°C
Low-power dissipation(5)
–40
105
Ambient temperature for the
suffix 3 version
Maximum power dissipation
–40
125
Low-power dissipation(5)
–40
130
TJ
Junction temperature range
Suffix 6 version
–40
105
°C
Suffix 3 version
–40
130
1. When RESET is released functionality is guaranteed down to VBOR0 Min.
2. This formula has to be applied only on the power supplies related to the IO structure described by the pin definition table.
Maximum I/O input voltage is the smallest value between MIN(VDD, VDDA, VDDIO2, VDDUSB, VLCD)+3.6 V and 5.5V.
3. For operation with voltage higher than Min (VDD, VDDA, VDDIO2, VDDUSB, VLCD) +0.3 V, the internal Pull-up and Pull-Down
resistors must be disabled.
4. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Section 7.7: Thermal characteristics).
5. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Section 7.7:
Thermal characteristics).
Table 22. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com