Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 113 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 113 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 109Page - STMicroelectronics STM32L496AE Datasheet HTML 110Page - STMicroelectronics STM32L496AE Datasheet HTML 111Page - STMicroelectronics STM32L496AE Datasheet HTML 112Page - STMicroelectronics STM32L496AE Datasheet HTML 113Page - STMicroelectronics STM32L496AE Datasheet HTML 114Page - STMicroelectronics STM32L496AE Datasheet HTML 115Page - STMicroelectronics STM32L496AE Datasheet HTML 116Page - STMicroelectronics STM32L496AE Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 263 page
background image
DocID029173 Rev 2
113/263
STM32L496xx
Electrical characteristics
236
6.3
Operating conditions
6.3.1
General operating conditions
3. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be
sunk/sourced between two consecutive power supply pins referring to high pin count QFP packages.
4. Positive injection (when VIN > VDDIOx) is not possible on these I/Os and does not occur for input voltages lower than the
specified maximum value.
5. A negative injection is induced by VIN < VSS. IINJ(PIN) must never be exceeded. Refer also to Table 19: Voltage
characteristics for the minimum allowed input voltage values.
6. When several inputs are submitted to a current injection, the maximum ∑|IINJ(PIN)| is the absolute sum of the negative
injected currents (instantaneous values).
Table 21. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
150
°C
Table 22. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK Internal AHB clock frequency -
0
80
MHz
fPCLK1 Internal APB1 clock frequency -
0
80
fPCLK2 Internal APB2 clock frequency -
0
80
VDD
Standard operating voltage
-
1.71
(1)
3.6
V
VDD12 Standard operating voltage
full frequency range
1.08
1.32
up to 26MHz
1.05
VDDIO2 PG[15:2] I/Os supply voltage
At least one I/O in PG[15:2] used
1.08
3.6
V
PG[15:2] not used
0
3.6
VDDA Analog supply voltage
ADC or COMP used
1.62
3.6
V
DAC or OPAMP used
1.8
VREFBUF used
2.4
ADC, DAC, OPAMP, COMP,
VREFBUF not used
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com