Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 115 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 115 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 111Page - STMicroelectronics STM32L496AE Datasheet HTML 112Page - STMicroelectronics STM32L496AE Datasheet HTML 113Page - STMicroelectronics STM32L496AE Datasheet HTML 114Page - STMicroelectronics STM32L496AE Datasheet HTML 115Page - STMicroelectronics STM32L496AE Datasheet HTML 116Page - STMicroelectronics STM32L496AE Datasheet HTML 117Page - STMicroelectronics STM32L496AE Datasheet HTML 118Page - STMicroelectronics STM32L496AE Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 263 page
background image
DocID029173 Rev 2
115/263
STM32L496xx
Electrical characteristics
236
6.3.2
Operating conditions at power-up / power-down
The parameters given in Table 23 are derived from tests performed under the ambient
temperature condition summarized in Table 22.
6.3.3
Embedded reset and power control block characteristics
The parameters given in Table 24 are derived from tests performed under the ambient
temperature conditions summarized in Table 22: General operating conditions.
Table 23. Operating conditions at power-up / power-down(1)
1. At Power up, the VDD12 voltage should not be forced externally
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
-
0
∞
µs/V
VDD fall time rate
10
∞
tVDDA
VDDA rise time rate
-
0
∞
µs/V
VDDA fall time rate
10
∞
tVDDUSB
VDDUSB rise time rate
-
0
∞
µs/V
VDDUSB fall time rate
10
∞
tVDDIO2
VDDIO2 rise time rate
-
0
∞
µs/V
VDDIO2 fall time rate
10
∞
Table 24. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
tRSTTEMPO(2)
Reset temporization after
BOR0 is detected
VDD rising
-
250
400
μs
VBOR0(2)
Brown-out reset threshold 0
Rising edge
1.62
1.66
1.7
V
Falling edge
1.6
1.64
1.69
VBOR1
Brown-out reset threshold 1
Rising edge
2.06
2.1
2.14
V
Falling edge
1.96
2
2.04
VBOR2
Brown-out reset threshold 2
Rising edge
2.26
2.31
2.35
V
Falling edge
2.16
2.20
2.24
VBOR3
Brown-out reset threshold 3
Rising edge
2.56
2.61
2.66
V
Falling edge
2.47
2.52
2.57
VBOR4
Brown-out reset threshold 4
Rising edge
2.85
2.90
2.95
V
Falling edge
2.76
2.81
2.86
VPVD0
Programmable voltage
detector threshold 0
Rising edge
2.1
2.15
2.19
V
Falling edge
2
2.05
2.1
VPVD1
PVD threshold 1
Rising edge
2.26
2.31
2.36
V
Falling edge
2.15
2.20
2.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com