Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WM8602SEDS/V Arkusz danych(PDF) 45 Page - Wolfson Microelectronics plc

Numer części WM8602SEDS/V
Szczegółowy opis  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WOLFSON [Wolfson Microelectronics plc]
Strona internetowa  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602SEDS/V Arkusz danych(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8602SEDS/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 46Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
Product Preview
WM8602
w
PP Rev 1.5 May 2004
45
PACKAGE DIMENSIONS
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.20MM.
D. MEETS JEDEC.95 MO-150, VARIATION = AH. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
DM007.D
DS: 28 PIN SSOP (10.2 x 5.3 x 1.75 mm)
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
2.0
A1
0.05
-----
0.25
A2
1.65
1.75
1.85
b
0.22
0.30
0.38
c
0.09
-----
0.25
D
9.90
10.20
10.50
e
E
7.40
7.80
8.20
5.00
5.30
5.60
L
0.55
0.75
0.95
θθθθ
A A2
A1
14
1
15
28
E1
E
Θ
Θ
Θ
Θ
c
L
GAUGE
PLANE
0.25
e
b
D
SEATING PLANE
-C-
0.10 C
REF:
JEDEC.95, MO-150
E1
L1
0.125 REF
0.65 BSC
L1
0
o
4
o
8
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46