Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WM8602SEDS/V Arkusz danych(PDF) 31 Page - Wolfson Microelectronics plc

Numer części WM8602SEDS/V
Szczegółowy opis  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WOLFSON [Wolfson Microelectronics plc]
Strona internetowa  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602SEDS/V Arkusz danych(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8602SEDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Product Preview
WM8602
w
PP Rev 1.5 May 2004
31
DYNAMIC PEAK COMPRESSOR
The WM8602 includes a Dynamic Peak Compressor for each channel, which prevents the
occurrence of digital clipping when gains in excess of 0dB are applied. The compressor automatically
adjusts the signal amplitude to allow headroom for the LFE boost, sub-woofer mixing, tone controls,
loudspeaker equalisation and digital volume control. The compressor has a programmable limit
threshold, programmable attack and decay time-constants, a frequency-dependent decay mode, and
built-in zero-cross detect. The compressor can be configured either to operate independently on all
channels (DUAL MONO), or on linked channel-pairs (STEREO).
COMPRESSOR THRESHOLD
The compressor has a digital peak detector which tracks the maximum input signal level at the
output of the volume control. With reference to Figure 21, if this signal is below the threshold set by
control bit THRESH, the compressor operates transparently with no change to the signal level.
However, if peak signal rises above the threshold, the gain through the compressor is modified so
that the upper part of the curve is followed. This ensures that the output signal does not exceed 0dB.
ATTACK AND DECAY TIMES
The attack time-constant ATK controls how fast the gain is reduced when the signal goes above the
threshold. It is defined as the time taken for the gain to reduce by 6dB. Normally a short attack time-
constant is used to prevent the signal clipping when a high-amplitude transient occurs.
The decay time-constant DCY controls how fast the gain is increased when the signal begins to fall
again. It is defined as the time taken for the gain to increase by 6dB. Normally, the decay time-
constant is much longer than the attack time-constant, to prevent the input signal from entering
repeated limiting cycles.
The frequency-dependent decay feature automatically detects the input frequency and sets the
decay time to decay slower for low frequency signals. This reduces low-frequency signal distortion by
preserving the waveform of each input cycle, whilst allowing the compressor to respond quickly to
high frequency transients. This feature is enabled via the FDEP control bit.
0dB
Output Level
(dB)
Peak Input Level [dB]
THRESH
[dB]
0
-6
-12
+6
+12
-18
-24
-30
-36
-12
-18
-24
-30
-36
0dB
-6dB
-12dB
+6dB
+12dB
typical
Volume Control
Setting
Figure 21 Dynamic Peak Compressor Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46