| Zakładka z wyszukiwarką danych komponentów |
|
AD6676EBZ Arkusz danych(PDF) 46 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6676EBZ Arkusz danych(HTML) 46 Page - Analog Devices |
|
46 / 90 page ![]() AD6676 Data Sheet Rev. D | Page 46 of 90 Figure 118 shows a simplified block diagram of the AD6676 JESD204B link mapping the 16-bit I and Q outputs onto the two separate lanes. Other configurations are also possible, such as combining the I and Q outputs onto a single lane (fDATA_IQ ≤ 153.6 MSPS) or changing the mapping of the I and Q output paths. In any case, the 16-bit I and Q data are each broken into two octets (eight bits of data). Bit 15 (MSB) through Bit 8 are in the first octet. The second octet contains Bit 7 through Bit 0 (LSB). The four resulting octets (2 I octets and 2 Q octets) may be scrambled. Scrambling is optional but is available to avoid spectral peaks when transmitting similar digital data patterns. The scrambler uses a self synchronizing polynomial-based algorithm defined by the equation 1 + x14 + x15. The descrambler in the receiver must be a self synchronizing version of the scrambler polynomial. The four octets are then encoded with an 8-bit/10-bit encoder. The 8-bit/10-bit encoder takes eight bits of data (an octet) and encodes them into a 10-bit symbol. Figure 119 shows how the 16-bit I or Q data is taken from the final decimation stage, formed into octets, the two octets are scrambled, and how the octets are encoded into two 10-bit symbols. ADC SYSREF± SYNCINB± I CONVERTER 0 Q CONVERTER 1 SERDOUT0–, SERDOUT0+ SERDOUT1–, SERDOUT1+ LANE SWAP (SPI REG 0x1E1) JESD204B LINK CONTROL (L.M.F.M.S) (SPI REG 0x1C3 TO 0x1C9) FRAMER SWAP (SPI REG 0x1E1) Figure 118. Transmit Link Simplified Block Diagram 8-BIT/10-BIT ENCODER (0x1E4) SERDOUT0± SERDOUT1± SERIALIZER ADC SYMBOL0 SYMBOL1 ADC TEST PATTERNS (REG 0x1E5) JESD204B SAMPLE CONSTRUCTION JESD204B TEST PATTERNS (0x1E5) FRAME CONSTRUCTION JESD204B TEST PATTERNS (REG 0x1E5, REG 0x1F8 TO REG 0x1FF) JESD204B TEST PATTERNS (REG 0x1E5, REG 0x1F8 TO REG 0x1FF) SCRAMBLER 1 + x14 + x15 (OPTIONAL VIA 0x1C3) a b c d e f g h i j a b c d e f g h i j a b i j a b i j 16-BIT Figure 119. Digital Formatting of JESD204B Lanes TRANSPORT LAYER PHYSICAL LAYER DATA LINK LAYER Tx OUTPUT SAMPLE CONSTRUCTION FRAME CONSTRUCTION SCRAMBLER ALIGNMENT CHARACTER GENERATION 8-BIT/10-BIT ENCODER CROSSBAR MUX SERIALIZER PROCESSED SAMPLES FROM ADC SYSREF± SYNCINB± Figure 120. Data Flow |