Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC1034LP6GE Arkusz danych(PDF) 3 Page - Analog Devices

Numer części HMC1034LP6GE
Szczegółowy opis  CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

HMC1034LP6GE Arkusz danych(HTML) 3 Page - Analog Devices

  HMC1034LP6GE Datasheet HTML 1Page - Analog Devices HMC1034LP6GE Datasheet HTML 2Page - Analog Devices HMC1034LP6GE Datasheet HTML 3Page - Analog Devices HMC1034LP6GE Datasheet HTML 4Page - Analog Devices HMC1034LP6GE Datasheet HTML 5Page - Analog Devices HMC1034LP6GE Datasheet HTML 6Page - Analog Devices HMC1034LP6GE Datasheet HTML 7Page - Analog Devices HMC1034LP6GE Datasheet HTML 8Page - Analog Devices HMC1034LP6GE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC1034LP6GE
v01.0312
CLOCK GENERATOR WITH FRACTIONAL-N PLL
& INTEGRATED VCO, 125 - 3000 MHz
Parameter
Condition
Min.
typ.
Max.
Units
Phase Detector (PD) [2]
PD Frequency Fractional Mode B
[3]
DC
100
MHz
PD Frequency Fractional Mode A (and register
6 [17:16] = 11)
DC
80
MHz
PD Frequency Integer Mode
DC
125
MHz
Charge Pump
output Current
0.02
2.54
mA
Charge Pump Gain step size
20
µA
PD/Charge Pump ssB Phase noise
50 MHz ref, Input referred
1 kHz
-143
dBc/Hz
10 kHz
Add 1 dB for Fractional
-150
dBc/Hz
100 kHz
Add 3 dB for Fractional
-153
dBc/Hz
output rise time
Measured from 20% to 80% of
output signal, F=800 MHz
Gain setting = 00
150
ps
Measured from 20% to 80% of
output signal, F=800 MHz
Gain setting = 11
250
ps
output Fall time
Measured from 80% to 20% of
output signal, F=800 MHz
Gain setting = 00
150
ps
Measured from 80% to 20% of
output signal, F=800MHz
Gain setting = 11
250
ps
output Duty Cycle
Measured at 50% of output
signal. F=800 MHz
40
60
%
Logic Inputs
Vsw
switching threshold for logic
levels
40
50
60
% DVDD
Logic Outputs
VoH output High Voltage
DVDD
V
Vol output low Voltage
0
V
output Impedance
100
200
Ω
Maximum load Current
1.5
mA
Power Supply Voltages
3.3V supplies
AVDD, VCCHF, VCCPs,
VCCPD, rVDD,DVDD
3.0
3.3
3.5
V
5V supplies
VPPCP, VDDCP, VCC1, VCC2
4.8
5
5.2
V
Power Supply Currents
+5V Analog Charge Pump
VPPCP, VDDCP
8
mA
+5V VCo Core & VCo Buffer
fo/1 Mode VCC2
105
mA
fo/n Mode VCC2
80
mA
+5V VCo Divider & rF/Pll Buffer
fo/1 Mode VCC1
25
mA
fo/n Mode VCC1
80
100
mA
+3.3V
AVDD, VCCHF, VCCPs,
VCCPD, rVDD, DVDD3V
52
mA
Power Down - Crystal off
reg 01h=0,
Crystal not Clocked
10
µA
Power Down - Crystal on, 100 MHz
reg 01h=0,
Crystal Clocked 100 MHz
5
mA
Power on Reset
Electrical Speciications (Continued)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com