Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC1034LP6GE Arkusz danych(PDF) 11 Page - Analog Devices

Numer części HMC1034LP6GE
Szczegółowy opis  CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

HMC1034LP6GE Arkusz danych(HTML) 11 Page - Analog Devices

Back Button HMC1034LP6GE Datasheet HTML 6Page - Analog Devices HMC1034LP6GE Datasheet HTML 7Page - Analog Devices HMC1034LP6GE Datasheet HTML 8Page - Analog Devices HMC1034LP6GE Datasheet HTML 9Page - Analog Devices HMC1034LP6GE Datasheet HTML 10Page - Analog Devices HMC1034LP6GE Datasheet HTML 11Page - Analog Devices HMC1034LP6GE Datasheet HTML 12Page - Analog Devices HMC1034LP6GE Datasheet HTML 13Page - Analog Devices HMC1034LP6GE Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
HMC1034LP6GE
v01.0312
CLOCK GENERATOR WITH FRACTIONAL-N PLL
& INTEGRATED VCO, 125 - 3000 MHz
the HMC1034lP6Ge can also be used as an lo for 10G optical modules and transponders (Figure 13), as a reference
clock for 1G/10G line cards (Figure 14), and for jitter attenuation and frequency translation (Figure 15).
synchronous ethernet, sonet/sDH, and otn applications often require jitter attenuation and frequency translation on
the recovered line clock.
Figure 13. HMC1034LP6GE used as a local oscillator (LO) for 10G modules/transponders
Figure 14. HMC1034LP6GE used as a reference clock for 1G/10G line cards
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com