Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC1034LP6GE Arkusz danych(PDF) 7 Page - Analog Devices

Numer części HMC1034LP6GE
Szczegółowy opis  CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

HMC1034LP6GE Arkusz danych(HTML) 7 Page - Analog Devices

Back Button HMC1034LP6GE Datasheet HTML 3Page - Analog Devices HMC1034LP6GE Datasheet HTML 4Page - Analog Devices HMC1034LP6GE Datasheet HTML 5Page - Analog Devices HMC1034LP6GE Datasheet HTML 6Page - Analog Devices HMC1034LP6GE Datasheet HTML 7Page - Analog Devices HMC1034LP6GE Datasheet HTML 8Page - Analog Devices HMC1034LP6GE Datasheet HTML 9Page - Analog Devices HMC1034LP6GE Datasheet HTML 10Page - Analog Devices HMC1034LP6GE Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
HMC1034LP6GE
v01.0312
CLOCK GENERATOR WITH FRACTIONAL-N PLL
& INTEGRATED VCO, 125 - 3000 MHz
Outline Drawing
notes:
1. PACkAGe BoDY MAterIAl: loW stress InJeCtIon MolDeD PlAstIC sIlICA AnD
sIlICon IMPreGnAteD.
2. leAD AnD GroUnD PADDle MAterIAl: CoPPer AlloY.
3. leAD AnD GroUnD PADDle PlAtInG: 100% MAtte tIn.
4. DIMensIons Are In InCHes [MIllIMeters].
5. leAD sPACInG tolerAnCe Is non-CUMUlAtIVe.
6. PAD BUrr lenGtH sHAll Be 0.15mm MAX. PAD BUrr HeIGHt sHAll Be 0.25mm MAX.
7. PACkAGe WArP sHAll not eXCeeD 0.05mm.
8. All GroUnD leADs AnD GroUnD PADDle MUst Be solDereD to PCB rF GroUnD.
9. reFer to HIttIte APPlICAtIon note For sUGGesteD PCB lAnD PAttern.
Absolute Maximum Ratings
AVDD, rVDD, DVDD3V, VCCPD,
VCCHF, VCCPs
-0.3V to +3.6V
VPPCP, VDDCP, VCC1
-0.3V to +5.5V
VCC2
-0.3V to +5.5V
operating temperature
-40°C to +85°C
storage temperature
-65°C to 150°C
Maximum Junction temperature
125 °C
thermal resistance (r
tH)
(junction to ground paddle)
20 °C/W
relow soldering
Peak temperature
260°C
time at Peak temperature
40 sec
esD sensitivity (HBM)
Class 1B
stresses above those listed under Absolute Maximum
ratings may cause permanent damage to the device.
this is a stress rating only; functional operation of the
device at these or any other conditions above those
indicated in the operational section of this speciication
is not implied. exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Part number
Package Body Material
lead Finish
Msl rating
Package Marking
[1]
HMC1034lP6Ge
roHs-compliant low stress Injection Molded Plastic
100% matte sn
Msl1
H1034
XXXX
[1] 4-Digit lot number XXXX
Package Information
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com