Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC1034LP6GE Arkusz danych(PDF) 13 Page - Analog Devices

Numer części HMC1034LP6GE
Szczegółowy opis  CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

HMC1034LP6GE Arkusz danych(HTML) 13 Page - Analog Devices

Back Button HMC1034LP6GE Datasheet HTML 6Page - Analog Devices HMC1034LP6GE Datasheet HTML 7Page - Analog Devices HMC1034LP6GE Datasheet HTML 8Page - Analog Devices HMC1034LP6GE Datasheet HTML 9Page - Analog Devices HMC1034LP6GE Datasheet HTML 10Page - Analog Devices HMC1034LP6GE Datasheet HTML 11Page - Analog Devices HMC1034LP6GE Datasheet HTML 12Page - Analog Devices HMC1034LP6GE Datasheet HTML 13Page - Analog Devices HMC1034LP6GE Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
13
HMC1034LP6GE
v01.0312
CLOCK GENERATOR WITH FRACTIONAL-N PLL
& INTEGRATED VCO, 125 - 3000 MHz
Line and Reference Clock Rates
OTN
Line Rates (Gbps)
Typical Reference Clock Rates (MHz)
otU2
10.709
669.31
167.33
otU2e
11.095
693.44
173.36
otU1e
11.049
690.56
172.64
otU2f
11.317
707.31
176.83
otU1f
11.27
704.38
176.09
otU3
43.018
2688.63
672.16
otU4
111.809
1747.02
otU4v
127.156
1986.82
SONET/SDH
sts-192/stM-64
9.95328
622.08
155.52
sts-768/stM-256
39.81312
2488.32
622.08
Ethernet
10Ge lAn
10.3125
156.25
10Ge WAn
9.95328
622.08
155.52
XAUI (4 x 3.125G)
3.125
156.25
40Ge (4 x 10G)
10.3125
156.25
100Ge (4 x 25G)
25.78125
805.66
156.25
Fibre Channel (FC)
10GFC
10.52
164.38
16GFC
14.025
212.5
32GFC
28.5
425
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com