Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC1034LP6GE Arkusz danych(PDF) 10 Page - Analog Devices

Numer części HMC1034LP6GE
Szczegółowy opis  CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

HMC1034LP6GE Arkusz danych(HTML) 10 Page - Analog Devices

Back Button HMC1034LP6GE Datasheet HTML 6Page - Analog Devices HMC1034LP6GE Datasheet HTML 7Page - Analog Devices HMC1034LP6GE Datasheet HTML 8Page - Analog Devices HMC1034LP6GE Datasheet HTML 9Page - Analog Devices HMC1034LP6GE Datasheet HTML 10Page - Analog Devices HMC1034LP6GE Datasheet HTML 11Page - Analog Devices HMC1034LP6GE Datasheet HTML 12Page - Analog Devices HMC1034LP6GE Datasheet HTML 13Page - Analog Devices HMC1034LP6GE Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
HMC1034LP6GE
v01.0312
CLOCK GENERATOR WITH FRACTIONAL-N PLL
& INTEGRATED VCO, 125 - 3000 MHz
HMC1034LP6GE Output Stage
A representative schematic for the HMC1034lP6Ge output stage is given in Figure 10 below. the differential output
buffer features adjustable amplitudes which can be set by the “Gain setting” register values. the typical output
amplitudes that correspond to each setting are provided in Figure 6.
Figure 11. HMC1034LP6GE output stage
HMC1034LP6GE Application Information
the HMC1034lP6Ge features a lexible output Frequency range (125MHz to 3000MHz), industry leading phase noise
and phase jitter performance, excellent noise loor (<-170dBc/Hz), and a high level of integration. HMC1034lP6Ge
is ideal as a high frequency, low jitter processor clock, a clock source for high-frequency data converters or as a
reference oscillator for Physical layer Devices (PHY).
the HMC1034lP6Ge can also be used as an lo for 10G/40G/100G optical modules and transponders, as a reference
clock for 10G/40G/100G line cards, and for jitter attenuation and frequency translation. synchronous ethernet, sonet/
sDH, and otn applications often require jitter attenuation and frequency translation on the recovered line clock.
Figure 12. HMC1034LP6GE in a typical transmit chain
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com