Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC1034LP6GE Arkusz danych(PDF) 4 Page - Analog Devices

Numer części HMC1034LP6GE
Szczegółowy opis  CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

HMC1034LP6GE Arkusz danych(HTML) 4 Page - Analog Devices

  HMC1034LP6GE Datasheet HTML 1Page - Analog Devices HMC1034LP6GE Datasheet HTML 2Page - Analog Devices HMC1034LP6GE Datasheet HTML 3Page - Analog Devices HMC1034LP6GE Datasheet HTML 4Page - Analog Devices HMC1034LP6GE Datasheet HTML 5Page - Analog Devices HMC1034LP6GE Datasheet HTML 6Page - Analog Devices HMC1034LP6GE Datasheet HTML 7Page - Analog Devices HMC1034LP6GE Datasheet HTML 8Page - Analog Devices HMC1034LP6GE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC1034LP6GE
v01.0312
CLOCK GENERATOR WITH FRACTIONAL-N PLL
& INTEGRATED VCO, 125 - 3000 MHz
Parameter
Condition
Min.
typ.
Max.
Units
typical reset Voltage on DVDD
700
mV
Minimum DVDD Voltage for no reset
1.5
V
Power on reset Delay
250
µs
Figure of Merit
Floor Integer Mode
normalized to 1 Hz
-230
dBc/Hz
Floor Fractional Mode
normalized to 1 Hz
-227
dBc/Hz
Flicker (Both Modes)
normalized to 1 Hz
-268
dBc/Hz
Phase Jitter rMs
Measured at 622.08 MHz,
Integration Bandwidth:
12 kHz to 20 MHz, 50 MHz
reference, fractional mode
118
fs
Phase Jitter rMs
Measured at 800 MHz,
Integration Bandwidth:
12 kHz to 20 MHz
Charge Pump (CP) Current
set at 2.54 mA, integer mode,
50 MHz reference
78
fs
Period Jitter rMs
Measured at 2.46 Hz, with
digital sampling oscilloscope
and precision timebase
module. the total measured
rMs period jitter of 377 fs
includes both the HMC1034
and instrument noise. Further
calculations estimate HMC1034
rMs period jitter of <150 fs.
<377
fs
Electrical Speciications (Continued)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com