Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC1034LP6GE Arkusz danych(PDF) 6 Page - Analog Devices

Numer części HMC1034LP6GE
Szczegółowy opis  CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

HMC1034LP6GE Arkusz danych(HTML) 6 Page - Analog Devices

Back Button HMC1034LP6GE Datasheet HTML 2Page - Analog Devices HMC1034LP6GE Datasheet HTML 3Page - Analog Devices HMC1034LP6GE Datasheet HTML 4Page - Analog Devices HMC1034LP6GE Datasheet HTML 5Page - Analog Devices HMC1034LP6GE Datasheet HTML 6Page - Analog Devices HMC1034LP6GE Datasheet HTML 7Page - Analog Devices HMC1034LP6GE Datasheet HTML 8Page - Analog Devices HMC1034LP6GE Datasheet HTML 9Page - Analog Devices HMC1034LP6GE Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC1034LP6GE
v01.0312
CLOCK GENERATOR WITH FRACTIONAL-N PLL
& INTEGRATED VCO, 125 - 3000 MHz
220
222
224
226
228
230
232
234
14 MHz Square Wave
25 MHz Square Wave
50 MHz Square Wave
100 MHz Square Wave
REFERENCE POWER (mVpp)
100
200
400
Figure 7. Reference Input
Sensitivity, Square Wave [5]
[5] Measured from a 50 Ω source with a 100 Ω external resistor termination. see
Pll with Integrated rF VCos operating Guide refer-
ence Input stage section for more details. Full FoM performance up to maximum 3.3 Vpp input voltage.
[6] Measured from a 50 Ω source with a 100 Ω external resistor termination. see
Pll with Integrated rF VCos operating Guide refer-
ence Input stage section for more details. Full FoM performance up to maximum 3.3 Vpp input voltage.
Figure 8. Reference Input
Sensitivity Sinusoid Wave [6]
200
205
210
215
220
225
230
235
14 MHz sin
25 MHz sin
50 MHz sq
100 MHz sq
REFERENCE POWER (mVpp)
100
200
400
800
Figure 9. Output Rise Time
0
50
100
150
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
loop Filter
BW (kHz)
C1
(pF)
C2
(nF)
C3
(pF)
C4
(pF)
r2
(kΩ)
r3
(kΩ)
r4
(kΩ)
loop Filter Design
250
3.9
15
n/A
n/A
2.7
0
0
135
91
33
91
91
0.82
1
1
74
150
27
220
220
0.82
1
1
Loop Filter Coniguration Table
Figure 10. Output Fall Time
0
50
100
150
200
0
500
1000
1500
2000
2500
3000
Gain 11
Gain 00
FREQUENCY (MHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com