| Zakładka z wyszukiwarką danych komponentów |
|
M34571GDFP Arkusz danych(PDF) 38 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M34571GDFP Arkusz danych(HTML) 38 Page - Renesas Technology Corp |
|
38 / 126 page ![]() Rev.1.02 May 25, 2007 Page 38 of 124 REJ03B0179-0102 4571 Group When the watchdog timer is used, clear the WDF1 flag at the period of 65534 machine cycles or less with the WRST instruction. When the watchdog timer is not used, execute the DWDT instruction and the WRST instruction continuously (refer to Figure 38). The watchdog timer is not stopped with only the DWDT instruction. The contents of WDF1 flag and timer WDT are initialized at the RAM back-up mode. When using the watchdog timer and the RAM back-up mode, initialize the WDF1 flag with the WRST instruction just before the microcomputer enters the RAM back-up state. Also, set the NOP instruction after the WRST instruction, for the case when a skip is performed with the WRST instruction (refer to Figure 39). Fig 38. Program example to start/stop watchdog timer Fig 39. Program example when using the watchdog timer • • • WRST ; WDF1 flag cleared • • • DI DWDT ; Watchdog timer function enabled/disabled WRST ; WEF and WDF1 flags cleared • • • • • • WRST ; WDF1 flag cleared NOP DI ; Interrupt disabled EPOF ; POF instruction enabled POF ; RAM back-up mode ↓ Oscillation stop • • • |