Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M34571GDFP Arkusz danych(PDF) 85 Page - Renesas Technology Corp

Numer części M34571GDFP
Szczegółowy opis  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34571GDFP Arkusz danych(HTML) 85 Page - Renesas Technology Corp

Back Button M34571GDFP Datasheet HTML 81Page - Renesas Technology Corp M34571GDFP Datasheet HTML 82Page - Renesas Technology Corp M34571GDFP Datasheet HTML 83Page - Renesas Technology Corp M34571GDFP Datasheet HTML 84Page - Renesas Technology Corp M34571GDFP Datasheet HTML 85Page - Renesas Technology Corp M34571GDFP Datasheet HTML 86Page - Renesas Technology Corp M34571GDFP Datasheet HTML 87Page - Renesas Technology Corp M34571GDFP Datasheet HTML 88Page - Renesas Technology Corp M34571GDFP Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 126 page
background image
Rev.1.02
May 25, 2007
Page 85 of 124
REJ03B0179-0102
4571 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
SNZT2
(Skip if Non Zero condition of Timer 2 interrupt request flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
1
000
00
01 2 28 1 16
11
-
V13 = 0 : (T2F) = 1
Opera-
tion:
V13 = 0 : (T2F) = 1 ?
(T2F)
← 0
V13 = 1 : SNZT2 = NOP
(V13 = bit 3 of interrupt control register V1)
Grouping:
Timer operation
Description: When V13 = 0 : Clears (0) to the T2F flag and skips the
next instruction when timer 2 interrupt request flag T2F is
“1”. When the T2F flag is “0”, executes the next instruction.
When V13 = 1 : This instruction is equivalent to the NOP
instruction.
SNZT3
(Skip if Non Zero condition of Timer 3 interrupt request flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
1
000
00
10 2 28 2 16
11
-
V20 = 0 : (T3F) = 1
Opera-
tion:
V20 = 0 : (T3F) = 1 ?
(T3F)
← 0
V20 = 1 : SNZT3 = NOP
Grouping:
Timer operation
Description: When V20 = 0 : Clears (0) to the T3F flag and skips the
next instruction when timer 3 interrupt request flag T3F is
“1”. When the T3F flag is “0”, executes the next instruction.
When V20 = 1 : This instruction is equivalent to the NOP
instruction.
SNZVD
(Skip if Non Zero condition of Voltage Detector interrupt request flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
1
000
10
10 2 28 A 16
11
-
V23 = 0 : (VDF) = 1
Opera-
tion:
V23 = 0 : (VDF) = 1?
V23 = 1 : SNZVD = NOP
Grouping:
Other operation
Description: When V23 = 0 : Skips the next instruction when voltage
detector interrupt request flag VDF is “1”. After skipping,
clears (0) to the VDF flag. The VDF flag is not cleared to
“0”.
When V23 = 1 : This instruction is equivalent to the NOP
instruction.
SRST
(System ReSet)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
000
00
01 2 00 1 16
11
-
-
Opera-
tion:
System reset
Grouping:
Other operation
Description: System reset occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com