Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M34571GDFP Arkusz danych(PDF) 84 Page - Renesas Technology Corp

Numer części M34571GDFP
Szczegółowy opis  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34571GDFP Arkusz danych(HTML) 84 Page - Renesas Technology Corp

Back Button M34571GDFP Datasheet HTML 80Page - Renesas Technology Corp M34571GDFP Datasheet HTML 81Page - Renesas Technology Corp M34571GDFP Datasheet HTML 82Page - Renesas Technology Corp M34571GDFP Datasheet HTML 83Page - Renesas Technology Corp M34571GDFP Datasheet HTML 84Page - Renesas Technology Corp M34571GDFP Datasheet HTML 85Page - Renesas Technology Corp M34571GDFP Datasheet HTML 86Page - Renesas Technology Corp M34571GDFP Datasheet HTML 87Page - Renesas Technology Corp M34571GDFP Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 126 page
background image
Rev.1.02
May 25, 2007
Page 84 of 124
REJ03B0179-0102
4571 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
SNZI0
(Skip if Non Zero condition of external Interrupt 0 input pin)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
011
10
10 2 03 A 16
11
-
I12 = 0 : (INT0) = “L”
I12 = 1 : (INT0) = “H”
Opera-
tion:
I12 = 0 : (INT0) = “L” ?
I12 = 1 : (INT0) = “H” ?
(I12 : bit 2 of the interrupt control register I1)
Grouping:
Interrupt operation
Description: When I12 = 0 : Skips the next instruction when the level of
INT0 pin is “L”. Executes the next instruction when the
level of INT0 pin is “H”.
When I12 = 1 : Skips the next instruction when the level of
INT0 pin is “H.” Executes the next instruction when the
level of INT0 pin is “L”.
SNZI1
(Skip if Non Zero condition of external Interrupt 1 input pin)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
011
10
11 2 03 B 16
11
-
I22 = 0 : (INT1) = “L”
I22 = 1 : (INT1) = “H”
Opera-
tion:
I22 = 0 : (INT1) = “L” ?
I22 = 1 : (INT1) = “H” ?
Grouping:
Interrupt operation
Description: When I22 = 0 : Skips the next instruction when the level of
INT1 pin is “L”. Executes the next instruction when the
level of INT1 pin is “H”.
When I22 = 1 : Skips the next instruction when the level of
INT1 pin is “H”. Executes the next instruction when the
level of INT1 pin is “L”.
SNZP
(Skip if Non Zero condition of Power down flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
000
00
11 2 00 3 16
11
-
(P) = 1
Opera-
tion:
(P) = 1 ?
Grouping:
Other operation
Description: Skips the next instruction when the P flag is “1”.
After skipping, the P flag remains unchanged.
Executes the next instruction when the P flag is “0”.
SNZT1
(Skip if Non Zero condition of Timer 1 interrupt request flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
1
000
00
00 2 28 0 16
11
-
V12 = 0 : (T1F) = 1
Opera-
tion:
V12 = 0 : (T1F) = 1 ?
(T1F)
← 0
V12 = 1 : SNZT1 = NOP
(V12 = bit 2 of interrupt control register V1)
Grouping:
Timer operation
Description: When V12 = 0 : Clears (0) to the T1F flag and skips the
next instruction when timer 1 interrupt request flag T1F is
“1”. When the T1F flag is “0,” executes the next instruction.
When V12 = 1 : This instruction is equivalent to the NOP
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com