Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M34571GDFP Arkusz danych(PDF) 41 Page - Renesas Technology Corp

Numer części M34571GDFP
Szczegółowy opis  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34571GDFP Arkusz danych(HTML) 41 Page - Renesas Technology Corp

Back Button M34571GDFP Datasheet HTML 37Page - Renesas Technology Corp M34571GDFP Datasheet HTML 38Page - Renesas Technology Corp M34571GDFP Datasheet HTML 39Page - Renesas Technology Corp M34571GDFP Datasheet HTML 40Page - Renesas Technology Corp M34571GDFP Datasheet HTML 41Page - Renesas Technology Corp M34571GDFP Datasheet HTML 42Page - Renesas Technology Corp M34571GDFP Datasheet HTML 43Page - Renesas Technology Corp M34571GDFP Datasheet HTML 44Page - Renesas Technology Corp M34571GDFP Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 126 page
background image
Rev.1.02
May 25, 2007
Page 41 of 124
REJ03B0179-0102
4571 Group
(4) Internal state at reset
Figure 43 shows internal state at reset (they are the same after
system is released from reset). The contents of timers, registers,
flags and RAM except shown in Figure 43 are undefined, so set
the initial value to them.
Fig 43. Internal state at reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
• Program counter (PC)
Address 0 in page 0 is set to program counter.
• Interrupt enable flag (INTE)
• Power down flag (P)
• External 0 interrupt request flag (EXF0)
• External 1 interrupt request flag (EXF1)
• Interrupt control register V1
• Interrupt control register V2
• Interrupt control register I1
• Interrupt control register I2
• Timer 1 interrupt request flag (T1F)
• Timer 2 interrupt request flag (T2F)
• Timer 3 interrupt request flag (T3F)
• Watchdog timer flags (WDF1, WDF2)
• Watchdog timer enable flag (WEF)
• Timer control register PA
• Timer control register W1
• Timer control register W2
•Timer control register W3
• Timer control register W5
• Clock control register MR
0
(Interrupt disabled)
0
0
0
(Interrupt disabled)
0
0
0
0
(Interrupt disabled)
0
0
0
0
0
0
0
0
0
0
1
0
(Prescaler stopped)
0
(Timer 1 stopped)
0
0
0
0
(Timer 2 stopped)
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
• Key-on wakeup control register K0
• Key-on wakeup control register K1
• Key-on wakeup control register K2
• Key-on wakeup control register L1
• Pull-up control register PU0
• Pull-up control register PU1
• Pull-up control register PU2
• Port output structure control register FR0
• Port output structure control register FR1
• Carry flag (CY)
• Register A
• Register B
• Register D
• Register E
• Register X
• Register Y
• Register Z
• Stack pointer (SP)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
×
× ×
×
× × ×
0
0
×
×
1
1
1
“X” represents undefined.
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
×
× × ×
0
0
0
0
0
0
(Timer 3 stopped)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com