Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M34571GDFP Arkusz danych(PDF) 98 Page - Renesas Technology Corp

Numer części M34571GDFP
Szczegółowy opis  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34571GDFP Arkusz danych(HTML) 98 Page - Renesas Technology Corp

Back Button M34571GDFP Datasheet HTML 94Page - Renesas Technology Corp M34571GDFP Datasheet HTML 95Page - Renesas Technology Corp M34571GDFP Datasheet HTML 96Page - Renesas Technology Corp M34571GDFP Datasheet HTML 97Page - Renesas Technology Corp M34571GDFP Datasheet HTML 98Page - Renesas Technology Corp M34571GDFP Datasheet HTML 99Page - Renesas Technology Corp M34571GDFP Datasheet HTML 100Page - Renesas Technology Corp M34571GDFP Datasheet HTML 101Page - Renesas Technology Corp M34571GDFP Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 126 page
background image
Rev.1.02
May 25, 2007
Page 98 of 124
REJ03B0179-0102
4571 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
TL1A
(Transfer data to register L1 from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
000
10
10 2 20 A 16
11
-
-
Opera-
tion:
(L1)
← (A)
Grouping:
Input/Output operation
Description: Transfers the contents of register A to key-on wakeup con-
trol register L1.
TMA j
(Transfer data to Memory from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
10
10
1
1
j
j
j
j
2
2B
j
16
11
-
-
Opera-
tion:
(M(DP))
← (A)
(X)
← (X)EXOR(j)
j = 0 to 15
Grouping:
RAM to register transfer
Description: After transferring the contents of register A to M(DP), an
exclusive OR operation is performed between register X
and the value j in the immediate field, and stores the result
in register X.
TMRA
(Transfer data to register MR from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
001
01
10 2 21 6 16
11
-
-
Opera-
tion:
(MR)
← (A)
Grouping:
Clock operation
Description: Transfers the contents of register A to clock control regis-
ter MR.
TPAA
(Transfer data to register PA from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
1
010
10
10 2 2A A 16
11
-
-
Opera-
tion:
(PA0)
← (A0)
Grouping:
Timer operation
Description: Transfers the least significant bit of register A (A0) to timer
control register PA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com