Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M34571GDFP Arkusz danych(PDF) 87 Page - Renesas Technology Corp

Numer części M34571GDFP
Szczegółowy opis  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34571GDFP Arkusz danych(HTML) 87 Page - Renesas Technology Corp

Back Button M34571GDFP Datasheet HTML 83Page - Renesas Technology Corp M34571GDFP Datasheet HTML 84Page - Renesas Technology Corp M34571GDFP Datasheet HTML 85Page - Renesas Technology Corp M34571GDFP Datasheet HTML 86Page - Renesas Technology Corp M34571GDFP Datasheet HTML 87Page - Renesas Technology Corp M34571GDFP Datasheet HTML 88Page - Renesas Technology Corp M34571GDFP Datasheet HTML 89Page - Renesas Technology Corp M34571GDFP Datasheet HTML 90Page - Renesas Technology Corp M34571GDFP Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 126 page
background image
Rev.1.02
May 25, 2007
Page 87 of 124
REJ03B0179-0102
4571 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
T1AB
(Transfer data to timer 1 and register R1 from Accumulator and register B)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
011
00
00 2 23 0 16
11
-
-
Opera-
tion:
(T17
−T14) ← (B)
(R17
−R14) ← (B)
(T13
−T10) ← (A)
(R13
−R10) ← (A)
Grouping:
Timer operation
Description: Transfers the contents of register B to the high-order 4 bits
of timer 1 and timer 1 reload register R1. Transfers the
contents of register A to the low-order 4 bits of timer 1 and
timer 1 reload register R1.
T2AB
(Transfer data to timer 2 and register R2 from Accumulator and register B)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
011
00
01 2 23 1 16
11
-
-
Opera-
tion:
(T27
−T24) ← (B)
(R27
−R24) ← (B)
(T23
−T20) ← (A)
(R23
−R20) ← (A)
Grouping:
Timer operation
Description: Transfers the contents of register B to the high-order 4 bits
of timer 2 and timer 2 reload register R2. Transfers the
contents of register A to the low-order 4 bits of timer 2 and
timer 2 reload register R2.
T3AB
(Transfer data to timer 3 and register R3L from Accumulator and register B)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
011
00
10 2 23 2 16
11
-
-
Opera-
tion:
(T37
−T34) ← (B)
(R3L7
−R3L4) ← (B)
(T33
−T30) ← (A)
(R3L3
−R3L0) ← (A)
Grouping:
Timer operation
Description: Transfers the contents of register B to the high-order 4 bits
of timer 3 and timer 3 reload register R3L. Transfers the
contents of register A to the low-order 4 bits of timer 3 and
timer 3 reload register R3L.
T3HAB
(Transfer data to register R3H from Accumulator and register B)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
011
11
01 2 23 D 16
11
-
-
Opera-
tion:
(R3H7
−R3H4) ← (B)
(R3H3
−R3H0) ← (A)
Grouping:
Timer operation
Description: Transfers the contents of register B to the high-order 4 bits
of timer 3 and timer 3 reload register R3H. Transfers the
contents of register A to the low-order 4 bits of timer 3 and
timer 3 reload register R3H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com