| Zakładka z wyszukiwarką danych komponentów |
|
M34571GDFP Arkusz danych(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M34571GDFP Arkusz danych(HTML) 29 Page - Renesas Technology Corp |
|
29 / 126 page ![]() Rev.1.02 May 25, 2007 Page 29 of 124 REJ03B0179-0102 4571 Group Fig 32. Timers structure (2) Watchdog reset signal reset signal (Note 3) D T Q R DWDT instruction + WRST instruction Reset signal (Note 4) (Note 2) WRST instruction Watchdog timer (16) 1 - - - - - - - - - - - - - 16 INSTCK S R Q WDF1 S R Q WEF C/CNTR1 Port C output PWMOUT PWMOD W12 W51 Q R D T T1UDF W30 0 1 XIN W31 Timer 3 (8) Reload Register R3L (8) Register B (TAB3) (T3AB) Register A (T3AB) (T3AB) (TAB3) (T3R3L) Reload control circuit (Note 1) Reload Register R3H (8) (T3HAB) Register B Register A W33 Timer 3 interrupt 1/2 ORCLK TQ R W32 1 0 “H” interval expansion T3F PWMOD T2UDF: Timer 2 underflow signal ORCLK: Prescaler output Note 1: When the CNTR1 output function is valid (W33=“1”), the value is auto-reloaded alternately from reload register R3L and R3H every timer 3 underflow. When the CNTR1 function is invalid (W33=“0”), the value is auto-reloaded from reload register R3L only. 2: Flag WDF1 is cleared to “0” and the next instruction is skipped when the WRST instruction is executed while flag WDF1 = “1”. The WRST instruction is equivalent to the NOP instruction while flag WDF1 = “0”. 3: Flag WEF is cleared to “0” and watchdog timer reset does not occur when the DWDT instruction and WRST instruction are executed continuously. 4: The WEF flag is set to “1” at system reset or RAM back-up mode. Data is set automatically from each reload register when timer underflows (auto-reload function). |