| Zakładka z wyszukiwarką danych komponentów |
|
M34571GDFP Arkusz danych(PDF) 59 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M34571GDFP Arkusz danych(HTML) 59 Page - Renesas Technology Corp |
|
59 / 126 page ![]() Rev.1.02 May 25, 2007 Page 59 of 124 REJ03B0179-0102 4571 Group NOTES ON NOISE Countermeasures against noise are described below. The following countermeasures are effective against noise in theory, however, it is necessary not only to take measures as follows but to evaluate before actual use. 1. Shortest wiring length (1) Wiring for RESET pin Make the length of wiring which is connected to the RESET pin as short as possible. Especially, connect a capacitor across the RESET pin and the VSS pin with the shortest possible wiring. <Reason> In order to reset a microcomputer correctly, 1 machine cycle or more of the width of a pulse input into the RESET pin is required. If noise having a shorter pulse width than this is input to the RESET input pin, the reset is released before the internal state of the microcomputer is completely initialized. This may cause a program runaway. Fig 62. Wiring for the RESET pin (2) Wiring for clock input/output pins • Make the length of wiring which is connected to clock I/O pins as short as possible. • Make the length of wiring across the grounding lead of a capacitor which is connected to an oscillator and the VSS pin of a microcomputer as short as possible. • Separate the VSS pattern only for oscillation from other VSS patterns. <Reason> If noise enters clock I/O pins, clock waveforms may be deformed. This may cause a program failure or program runaway. Also, if a potential difference is caused by the noise between the VSS level of a microcomputer and the VSS level of an oscillator, the correct clock will not be input in the microcomputer. Fig 63. Wiring for clock I/O pins (3) Port K Wiring Do not leave port K open. Always connect it to the VDD pin or VSS pin using the thickest wire at the shortest distance. When port K is used for key matrix, connect it to the VDD pin through a pull-up resistor. In that case too, place a pull-up resistor close to port K and connect it to port K or the VDD pin using the thickest wire at the shortest distance as above. <Reason> Port K is also used as the power source input pin (VPP pin) for the built-in QzROM. When programming to the QzROM, the impedance of port K is low so that the electric writing current will flow into the QzROM. This allows noise to enter easily. If noise enters from port K, abnormal instruction codes or data are read from the QzROM, which may cause a program runaway. Fig 64. Wiring for port K RESET Reset circuit Noise VSS VSS N.G. Reset circuit VSS RESET VSS O.K. Noise XIN XOUT VSS N.G. XIN XOUT VSS O.K. VDD VSS K Shortest distance (Note) (Note) Note: This indicates pin. VDD VSS K Shortest distance (Note) (Note) VDD VSS K Shortest distance Shortest distance A pull-up resistor (Note) (Note) |