Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VB Arkusz danych(PDF) 55 Page - STMicroelectronics

Numer części STM32G441VB
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G441VB Arkusz danych(HTML) 55 Page - STMicroelectronics

Back Button STM32G441VB Datasheet HTML 51Page - STMicroelectronics STM32G441VB Datasheet HTML 52Page - STMicroelectronics STM32G441VB Datasheet HTML 53Page - STMicroelectronics STM32G441VB Datasheet HTML 54Page - STMicroelectronics STM32G441VB Datasheet HTML 55Page - STMicroelectronics STM32G441VB Datasheet HTML 56Page - STMicroelectronics STM32G441VB Datasheet HTML 57Page - STMicroelectronics STM32G441VB Datasheet HTML 58Page - STMicroelectronics STM32G441VB Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 192 page
background image
DS12960 Rev 1
55/192
STM32G441xB
Pinouts and pin description
65
-
-
28 29 E1
37
F7
46
54
PB15
I/O
FT_a
-
RTC_REFIN,
TIM15_CH2,
TIM15_CH1N,
COMP3_OUT,
TIM1_CH3N,
SPI2_MOSI/
I2S2_SD,
EVENTOUT
ADC2_IN15
--
-
-
-
-
-
47
55
PD8
I/O
FT_a
-
USART3_TX,
EVENTOUT
-
--
-
-
-
-
-
48
56
PD9
I/O
FT
-
USART3_RX,
EVENTOUT
-
--
-
-
-
-
-
49
57
PD10
I/O
FT
-
USART3_CK,
EVENTOUT
-
-
-
-
-
-
---
58
PD11
I/O
FT_a
-
USART3_CTS,
EVENTOUT
-
-
-
-
-
-
-
-
-
59
PD12
I/O
TT
-
TIM4_CH1,
USART3_RTS_DE,
EVENTOUT
-
-
-
-
-
-
-
-
-
60
PD13
I/O
FT
-
TIM4_CH2, EVENTOUT
-
-
-
-
-
-
-
-
-
61
PD14
I/O
FT_a
-
TIM4_CH3, EVENTOUT
OPAMP2_VINP
-
-
-
-
-
-
-
-
62
PD15
I/O
FT
-
TIM4_CH4, SPI2_NSS,
EVENTOUT
-
--
-
-
-
-
-
50
63
VSS
S
-
-
-
-
--
-
-
-
-
-
51
64
VDD
S
-
-
-
-
--
29
-
D1
38
E8
52
65
PC6
I/O
FT
-
TIM3_CH1, TIM8_CH1,
I2S2_MCK, EVENTOUT
-
--
-
-
-
39
E7
53
66
PC7
I/O
FT
-
TIM3_CH2, TIM8_CH2,
I2S3_MCK, EVENTOUT
-
--
-
-
-
40
F6
54
67
PC8
I/O
FT_f
-
TIM3_CH3, TIM8_CH3,
I2C3_SCL, EVENTOUT
-
--
-
-
-
41
D8
55
68
PC9
I/O
FT_f
-
TIM3_CH4, TIM8_CH4,
I2SCKIN, TIM8_BKIN2,
I2C3_SDA, EVENTOUT
-
18
18
30 30 D2
42
E6
56
69
PA8
I/O
-
MCO, I2C3_SCL,
I2C2_SDA, I2S2_MCK,
TIM1_CH1, USART1_CK,
TIM4_ETR, SAI1_CK2,
SAI1_SCK_A,
EVENTOUT
-
Table 12. STM32G441xB pin definition(1) (continued)
Pin Number
Pin name
(function
after reset)
Alternate function
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com