Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VB Arkusz danych(PDF) 76 Page - STMicroelectronics

Numer części STM32G441VB
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G441VB Arkusz danych(HTML) 76 Page - STMicroelectronics

Back Button STM32G441VB Datasheet HTML 72Page - STMicroelectronics STM32G441VB Datasheet HTML 73Page - STMicroelectronics STM32G441VB Datasheet HTML 74Page - STMicroelectronics STM32G441VB Datasheet HTML 75Page - STMicroelectronics STM32G441VB Datasheet HTML 76Page - STMicroelectronics STM32G441VB Datasheet HTML 77Page - STMicroelectronics STM32G441VB Datasheet HTML 78Page - STMicroelectronics STM32G441VB Datasheet HTML 79Page - STMicroelectronics STM32G441VB Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 192 page
background image
Table 21. Current consumption in Run and Low-power run modes, code with data
processing running from Flash in single Bank, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD (Run)
Supply current
in Run mode
fHCLK = fHSE up to
48 MHz included,
bypass mode PLL
ON above 48 MHz
all peripherals
disable
Range 2
26 MHz
3.20
3.35
3.60
4.15
5.05
3.50
3.80
4.80
6.10
8.20
mA
16 MHz
2.05
2.15
2.50
3.05
3.95
2.30
2.60
3.60
4.90
7.00
8 MHz
1.10
1.25
1.60
2.10
3.05
1.30
1.60
2.60
3.90
6.10
4 MHz
0.635 0.755 1.15
1.65
2.60
0.750 1.10
2.10
3.40
5.40
2 MHz
0.400 0.525 0.910
1.45
2.35
0.500 0.830 1.80
3.10
5.20
1 MHz
0.280 0.415 0.800
1.35
2.25
0.370 0.700 1.70
3.00
5.00
100 KHz 0.170 0.305 0.690
1.20
2.15
0.260 0.590 1.50
2.90
4.90
Range 1
Boost
mode
170 MHz
25.5
26.0
27.0
27.5
29.0
27.0
28.0
29.0
31.0
34.0
Range 1
150 MHz
21.0
21.5
22.0
23.0
24.0
23.0
23.0
24.0
25.0
28.0
120 MHz
17.0
17.5
18.0
18.5
20.0
18.0
19.0
20.0
21.0
24.0
80 MHz
11.5
11.5
12.5
13.0
14.0
12.0
13.0
14.0
16.0
18.0
72 MHz
10.5
10.5
11.0
12.0
13.0
11.0
12.0
13.0
14.0
17.0
64 MHz
9.30
9.50
10.0
11.0
12.0
9.70
11.0
12.0
13.0
16.0
48 MHz
6.95
7.15
7.45
8.15
9.30
7.40
7.80
9.00
11.0
14.0
32 MHz
4.70
4.90
5.25
5.95
7.10
5.10
5.50
6.70
8.40
12.0
24 MHz
3.60
3.80
4.20
4.85
6.00
3.90
4.40
5.60
7.20
9.90
16 MHz
2.45
2.65
3.10
3.75
4.90
2.80
3.20
4.40
6.00
8.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com