Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VB Arkusz danych(PDF) 15 Page - STMicroelectronics

Numer części STM32G441VB
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G441VB Arkusz danych(HTML) 15 Page - STMicroelectronics

Back Button STM32G441VB Datasheet HTML 11Page - STMicroelectronics STM32G441VB Datasheet HTML 12Page - STMicroelectronics STM32G441VB Datasheet HTML 13Page - STMicroelectronics STM32G441VB Datasheet HTML 14Page - STMicroelectronics STM32G441VB Datasheet HTML 15Page - STMicroelectronics STM32G441VB Datasheet HTML 16Page - STMicroelectronics STM32G441VB Datasheet HTML 17Page - STMicroelectronics STM32G441VB Datasheet HTML 18Page - STMicroelectronics STM32G441VB Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 192 page
background image
DS12960 Rev 1
15/192
STM32G441xB
Description
44
12-bit ADCs
Number of channels
2
11
17 in LQFP48
18 in
UFQFPN48
18 in WLCSP49
23
23
23
12-bit DAC
Number of channels
2
4 (2 external + 2 internal)
Internal voltage
reference buffer
Yes
Analog comparator
4
Operational amplifiers
3
Max. CPU frequency
150 MHz
Operating voltage
1.71 V to 3.6 V
Operating temperature
Ambient operating temperature: -40 to 85 °C / -40 to 105 °C / -40 to 125 °C
Packages
LQFP32/
UFQFPN32
LQFP48/
UFQFPN48
LQFP64/
TFBGA64
LQFP80
LQFP100
1. The SPI2/3 interfaces can work in an exclusive way in either the SPI mode or the I2S audio mode.
Table 2. STM32G441xB features and peripheral counts (continued)
Peripheral
STM32G441KB STM32G441CB STM32G441RB STM32G441MB STM32G441VB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com