Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VB Arkusz danych(PDF) 98 Page - STMicroelectronics

Numer części STM32G441VB
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G441VB Arkusz danych(HTML) 98 Page - STMicroelectronics

Back Button STM32G441VB Datasheet HTML 94Page - STMicroelectronics STM32G441VB Datasheet HTML 95Page - STMicroelectronics STM32G441VB Datasheet HTML 96Page - STMicroelectronics STM32G441VB Datasheet HTML 97Page - STMicroelectronics STM32G441VB Datasheet HTML 98Page - STMicroelectronics STM32G441VB Datasheet HTML 99Page - STMicroelectronics STM32G441VB Datasheet HTML 100Page - STMicroelectronics STM32G441VB Datasheet HTML 101Page - STMicroelectronics STM32G441VB Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 192 page
background image
Electrical characteristics
STM32G441xB
98/192
DS12960 Rev 1
AHB2
CRC
1.11
1.05
0.86
0.90
µA/MHz
GPIOA
1.00
0.91
0.73
0.93
GPIOB
0.55
0.50
0.41
0.54
GPIOC
0.56
0.51
0.42
0.43
GPIOD
0.35
0.33
0.26
0.26
GPIOE
0.59
0.55
0.45
0.41
GPIOF
0.46
0.43
0.36
0.31
GPIOG
0.38
0.36
0.29
0.26
CCMSRAM
0.32
0.31
0.26
0.25
SRAM2
0.70
0.66
0.55
0.55
ADC12 AHB clock domain
6.72
6.27
5.17
5.95
ADC12 independent clock domain
0.61
0.59
0.46
0.56
DAC1
5.57
5.17
4.40
4.99
DAC3
5.67
5.30
NA
NA
AES
2.84
2.64
2.19
2.43
RNG clock domain
3.63
3.37
NA
Na
RNG independent clock domain
1.06
1.00
NA
NA
AHB
ALL AHB peripherals
79.97
74.54
57.83
66.98
µA/MHz
APB1
AHB to APB1 bridge
0.47
0.37
0.32
0.08
µA/MHz
TIM2
10.84
10.04
8.21
9.31
TIM3
9.32
8.65
7.10
8.02
TIM4
8.60
8.00
6.61
7.53
TIM6
2.88
2.69
2.22
2.66
TIM7
2.72
2.53
2.09
2.41
CRS
0.65
0.62
0.50
0.57
RTC
3.72
3.49
2.92
3.73
WWDG
0.77
0.74
0.60
0.71
SPI2
4.96
4.63
3.82
4.33
SPI3
5.33
4.98
4.09
4.67
I2S2 clock domain
3.45
3.23
2.65
2.95
I2S2 independent clock domain
1.51
1.40
1.17
1.38
I2S3 clock domain
3.86
3.62
2.97
3.49
I2S3 independent clock domain
1.47
1.36
1.12
1.18
Table 36. Peripheral current consumption (continued)
BUS
Peripheral
Range 1
Boost Mode
Range 1
Range 2
Low-power
run and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com