Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VB Arkusz danych(PDF) 87 Page - STMicroelectronics

Numer części STM32G441VB
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G441VB Arkusz danych(HTML) 87 Page - STMicroelectronics

Back Button STM32G441VB Datasheet HTML 83Page - STMicroelectronics STM32G441VB Datasheet HTML 84Page - STMicroelectronics STM32G441VB Datasheet HTML 85Page - STMicroelectronics STM32G441VB Datasheet HTML 86Page - STMicroelectronics STM32G441VB Datasheet HTML 87Page - STMicroelectronics STM32G441VB Datasheet HTML 88Page - STMicroelectronics STM32G441VB Datasheet HTML 89Page - STMicroelectronics STM32G441VB Datasheet HTML 90Page - STMicroelectronics STM32G441VB Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 192 page
background image
Table 29. Current consumption in Sleep and Low-power sleep mode Flash ON
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD (Sleep)
Supply current
in Sleep mode
fHCLK = fHSE
up to 48 MHz
included, bypass
mode PLL ON
above 48 MHz all
peripherals disable
Range 2
26 MHz
1.05
1.15
1.45
2.00
2.90
1.30
1.60
2.60
3.90
6.10
mA
16 MHz 0.690 0.810 1.15
1.70
2.60
0.910 1.30
2.30
3.50
5.60
8 MHz
0.425 0.545 0.920
1.45
2.35
0.590 0.930 1.90
3.20
5.20
4 MHz
0.300 0.400 0.815
1.35
2.25
0.420 0.760 1.70
3.00
5.10
2 MHz
0.230 0.355 0.755
1.30
2.20
0.340 0.670 1.60
2.90
5.00
1 MHz
0.200 0.320 0.725
1.25
2.15
0.290 0.620 1.60
2.90
4.90
100 KHz 0.165 0.285 0.690
1.25
2.15
0.250 0.580 1.50
2.80
4.90
Range 1
Boost
mode
170 MHz
7.40
7.65
8.30
9.10
10.5
7.70
8.20
9.90
12.0
15.0
Range 1
150 MHz
6.10
6.30
6.90
7.60
8.80
6.40
6.90
8.10
9.70
13.0
120 MHz
4.95
5.15
5.70
6.40
7.60
5.30
5.70
6.90
8.50
12.0
80 MHz
3.45
3.65
4.15
4.85
6.00
3.70
4.10
5.40
7.00
9.60
72 MHz
3.15
3.35
3.85
4.55
5.70
3.40
3.80
5.10
6.60
9.20
64 MHz
2.85
3.00
3.55
4.25
5.40
3.10
3.50
4.70
6.30
8.90
48 MHz
2.10
2.30
2.55
3.25
4.40
2.40
2.90
4.10
5.60
8.20
32 MHz
1.50
1.65
2.00
2.70
3.80
1.80
2.30
3.50
5.10
7.70
24 MHz
1.15
1.35
1.75
2.40
3.55
1.50
1.90
3.20
4.80
7.40
16 MHz 0.850 1.05
1.45
2.15
3.25
1.10
1.60
2.80
4.40
7.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com