Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VB Arkusz danych(PDF) 57 Page - STMicroelectronics

Numer części STM32G441VB
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G441VB Arkusz danych(HTML) 57 Page - STMicroelectronics

Back Button STM32G441VB Datasheet HTML 53Page - STMicroelectronics STM32G441VB Datasheet HTML 54Page - STMicroelectronics STM32G441VB Datasheet HTML 55Page - STMicroelectronics STM32G441VB Datasheet HTML 56Page - STMicroelectronics STM32G441VB Datasheet HTML 57Page - STMicroelectronics STM32G441VB Datasheet HTML 58Page - STMicroelectronics STM32G441VB Datasheet HTML 59Page - STMicroelectronics STM32G441VB Datasheet HTML 60Page - STMicroelectronics STM32G441VB Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 192 page
background image
DS12960 Rev 1
57/192
STM32G441xB
Pinouts and pin description
65
25
25
38 39 A1
51
A7
65
78
PA15
I/O
FT_f
(4)
JTDI,
TIM2_CH1, TIM8_CH1,
I2C1_SCL, SPI1_NSS,
SPI3_NSS/
I2S3_WS, USART2_RX,
UART4_RTS_DE,
TIM1_BKIN, TIM2_ETR,
EVENTOUT
-
--
39
-
-
52
C5
66
79
PC10
I/O
FT
-
TIM8_CH1N,
UART4_TX,
SPI3_SCK/
I2S3_CK,
USART3_TX,
EVENTOUT
-
--
40
-
A2
53
B6
67
80
PC11
I/O
FT_f
-
TIM8_CH2N, UART4_RX,
SPI3_MISO,
USART3_RX, I2C3_SDA,
EVENTOUT
-
--
-
-
-
54
A6
68
81
PC12
I/O
FT
-
TIM8_CH3N,
SPI3_MOSI/
I2S3_SD,
USART3_CK,
UCPD1_FRSTX,
EVENTOUT
-
--
-
-
-
-
-
69
82
PD0
I/O
FT
-
TIM8_CH4N,
FDCAN1_RX,
EVENTOUT
-
--
-
-
-
-
-
70
83
PD1
I/O
FT
-
TIM8_CH4, TIM8_BKIN2,
FDCAN1_TX,
EVENTOUT
-
--
-
-
-
55
B5
71
84
PD2
I/O
FT
-
TIM3_ETR, TIM8_BKIN,
EVENTOUT
-
--
-
-
-
-
-
-
85
PD3
I/O
FT
-
TIM2_CH1/
TIM2_ETR,
USART2_CTS,
EVENTOUT
-
--
-
-
-
-
-
-
86
PD4
I/O
FT
-
TIM2_CH2,
USART2_RTS_DE,
EVENTOUT
-
--
-
-
-
-
-
-
87
PD5
I/O
FT
-
USART2_TX,
EVENTOUT
-
--
-
-
-
-
-
-
88
PD6
I/O
FT
-
TIM2_CH4,
SAI1_D1, USART2_RX,
SAI1_SD_A,
EVENTOUT
-
Table 12. STM32G441xB pin definition(1) (continued)
Pin Number
Pin name
(function
after reset)
Alternate function
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com