Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VB Arkusz danych(PDF) 60 Page - STMicroelectronics

Numer części STM32G441VB
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G441VB Arkusz danych(HTML) 60 Page - STMicroelectronics

Back Button STM32G441VB Datasheet HTML 56Page - STMicroelectronics STM32G441VB Datasheet HTML 57Page - STMicroelectronics STM32G441VB Datasheet HTML 58Page - STMicroelectronics STM32G441VB Datasheet HTML 59Page - STMicroelectronics STM32G441VB Datasheet HTML 60Page - STMicroelectronics STM32G441VB Datasheet HTML 61Page - STMicroelectronics STM32G441VB Datasheet HTML 62Page - STMicroelectronics STM32G441VB Datasheet HTML 63Page - STMicroelectronics STM32G441VB Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 192 page
background image
4.9
Alternate functions
Table 13. Alternate function
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
LPTIM1/TI
M2/5/15/1
6/17
I2C3/TIM1/
2/3/4/8/15/
GPCOMP1
I2C3/SAI1/
USB/TIM8/
15/
GPCOMP3
I2C1/2/3/
TIM1/8/16/
17
SPI1/2/3/
I2S2/3/
UART4
/TIM8/Infra
red
SPI2/3/
I2S2/3/
TIM1/8/
Infrared
USART1/2/
3/CAN
I2C3/4
/UART4/
LPUART1/
GPCOMP1/
2/3
CAN/TIM1/
8/15/FDCA
N1
TIM2/3/4/8/
17
LPTIM1/TI
M1/8/FDCA
N1
LPUART1/
SAI1/TIM1
SAI1/
OPAMP2
UART4/SAI
1/TIM2/15/
UCPD1
EVENT
PA0
-
TIM2_
CH1
-
-
---
USART2_
CTS
COMP1_
OUT
TIM8_BKIN
TIM8_ETR
-
-
-
TIM2_ETR
EVENT
OUT
PA1
RTC_
REFIN
TIM2_
CH2
-
-
---
USART2_
RTS_DE
-
TIM15_
CH1N
-----
EVENT
OUT
PA2
-
TIM2_
CH3
-
-
---
USART2_
TX
COMP2_
OUT
TIM15_
CH1
--
LPUART1_
TX
-
UCPD1_
FRSTX
EVENT
OUT
PA3
-
TIM2_
CH4
-
SAI1_CK1
---
USART2_
RX
-
TIM15_
CH2
--
LPUART1_
RX
SAI1_
MCLK_A
-
EVENT
OUT
PA4
-
-
TIM3_CH2
-
-
SPI1_NSS
SPI3_NSS/
I2S3_WS
USART2_
CK
-----
SAI1_FS_B
-
EVENT
OUT
PA5
-
TIM2_
CH1
TIM2_ETR
-
-
SPI1_SCK
--------
UCPD1_
FRSTX
EVENT
OUT
PA6
-
TIM16_
CH1
TIM3_CH1
-
TIM8_BKIN SPI1_MISO TIM1_BKIN
-
COMP1_
OUT
---
LPUART1_
CTS
--
EVENT
OUT
PA7
-
TIM17_
CH1
TIM3_CH2
-
TIM8_
CH1N
SPI1_MOSI
TIM1_
CH1N
-
COMP2_
OUT
-----
UCPD1_
FRSTX
EVENT
OUT
PA8
MCO
-
I2C3_SCL
-
I2C2_SDA
I2S2_MCK
TIM1_CH1
USART1_
CK
-
-
TIM4_ETR
-
SAI1_CK2
-
SAI1_
SCK_A
EVENT
OUT
PA9
-
-
I2C3_
SMBA
-
I2C2_SCL
I2S3_MCK
TIM1_CH2
USART1_
TX
-
TIM15_
BKIN
TIM2_CH3
-
-
-
SAI1_FS_A
EVENT
OUT
PA10
-
TIM17_
BKIN
-
USB_
CRS_SYNC
I2C2_
SMBA
SPI2_MISO
TIM1_CH3
USART1_
RX
-
-
TIM2_CH4
TIM8_BKIN
SAI1_D1
-
SAI1_SD_
A
EVENT
OUT
PA11
-
-
-
-
-
SPI2_MOSI
/I2S2_SD
TIM1_
CH1N
USART1_
CTS
COMP1_
OUT
FDCAN1_R
X
TIM4_CH1
TIM1_CH4
TIM1_
BKIN2
--
EVENT
OUT
PA12
-
TIM16_
CH1
--
-
I2SCKIN
TIM1_
CH2N
USART1_
RTS_DE
COMP2_
OUT
FDCAN1_T
X
TIM4_CH2
TIM1_ETR
-
-
-
EVENT
OUT
PA13
SWDIO-
JTMS
TIM16_
CH1N
-
-
I2C1_SCL
IR_OUT
-
USART3_
CTS
--
TIM4_CH3
--
SAI1_SD_
B
-
EVENT
OUT
PA14
SWCLK-
JTCK
LPTIM1_
OUT
-
-
I2C1_SDA
TIM8_CH2
TIM1_BKIN
USART2_
TX
-----
SAI1_FS_B
-
EVENT
OUT
PA15
JTDI
TIM2_
CH1
TIM8_CH1
-
I2C1_SCL
SPI1_NSS
SPI3_NSS/
I2S3_WS
USART2_
RX
UART4_
RTS_DE
TIM1_BKIN
----
TIM2_ETR
EVENT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com