Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VB Arkusz danych(PDF) 58 Page - STMicroelectronics

Numer części STM32G441VB
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G441VB Arkusz danych(HTML) 58 Page - STMicroelectronics

Back Button STM32G441VB Datasheet HTML 54Page - STMicroelectronics STM32G441VB Datasheet HTML 55Page - STMicroelectronics STM32G441VB Datasheet HTML 56Page - STMicroelectronics STM32G441VB Datasheet HTML 57Page - STMicroelectronics STM32G441VB Datasheet HTML 58Page - STMicroelectronics STM32G441VB Datasheet HTML 59Page - STMicroelectronics STM32G441VB Datasheet HTML 60Page - STMicroelectronics STM32G441VB Datasheet HTML 61Page - STMicroelectronics STM32G441VB Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 192 page
background image
Pinouts and pin description
STM32G441xB
58/192
DS12960 Rev 1
--
-
-
-
-
-
-
89
PD7
I/O
FT
-
TIM2_CH3, USART2_CK,
EVENTOUT
-
26
26
41 40 A3
56
A5
72
90
PB3
I/O
FT
(4)
JTDO-TRACESWO,
TIM2_CH2, TIM4_ETR,
USB_CRS_SYNC,
TIM8_CH1N, SPI1_SCK,
SPI3_SCK/
I2S3_CK,
USART2_TX,
TIM3_ETR,
SAI1_SCK_B,
EVENTOUT
-
27
27
42 41 B4
57
C4
73
91
PB4
I/O
FT
(4)
JTRST,
TIM16_CH1,
TIM3_CH1,
TIM8_CH2N,
SPI1_MISO,
SPI3_MISO,
USART2_RX,
TIM17_BKIN,
SAI1_MCLK_B,
EVENTOUT
UCPD1_CC2
28
28
43 42
A4
3
58
B4
74
92
PB5
I/O
FT_f
-
TIM16_BKIN, TIM3_CH2,
TIM8_CH3N,
I2C1_SMBA, SPI1_MOSI,
SPI3_MOSI/
I2S3_SD,
USART2_CK, I2C3_SDA,
TIM17_CH1,
LPTIM1_IN1,
SAI1_SD_B, EVENTOUT
-
29
29
44 43 C4
59
A4
75
93
PB6
I/O
FT_
-
TIM16_CH1N,
TIM4_CH1, TIM8_CH1,
TIM8_ETR, USART1_TX,
COMP4_OUT,
TIM8_BKIN2,
LPTIM1_ETR,
SAI1_FS_B, EVENTOUT
UCPD1_CC1
30
30
45 44 A5
60
A3
76
94
PB7
I/O
FT_f
-
TIM17_CH1N,
TIM4_CH2, I2C1_SDA,
TIM8_BKIN,
USART1_RX,
COMP3_OUT,
TIM3_CH4, LPTIM1_IN2,
UART4_CTS,
EVENTOUT
PVD_IN
Table 12. STM32G441xB pin definition(1) (continued)
Pin Number
Pin name
(function
after reset)
Alternate function
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com