Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2695MPAPSEP Arkusz danych(PDF) 21 Page - Texas Instruments

Numer części PLMX2695MPAPSEP
Szczegółowy opis  LMX2695-SEP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2695MPAPSEP Arkusz danych(HTML) 21 Page - Texas Instruments

Back Button PLMX2695MPAPSEP Datasheet HTML 17Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 18Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 19Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 20Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 21Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 22Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 23Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 24Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
5.8 Typical Characteristics (continued)
Unless stated otherwise, the following conditions can be assumed: Temperature = 25°C, Vcc = 3.3V, OUTx_PWR=7,
OSCIN_P driven single ended with 10dBm at pin.
Output Frequency (MHz)
3000
7500
12000
16500
21000
25500
30000
400
420
440
460
480
500
520
540
560
580
600
620
640
660
680
TC = -55°C
TC = 25°C
TC = 125°C
Single channel enabled
Figure 5-38. Current Consumption vs Output Frequency
www.ti.com
LMX2695-SEP
SNAS864 – JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LMX2695-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com