Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2695MPAPSEP Arkusz danych(PDF) 64 Page - Texas Instruments

Numer części PLMX2695MPAPSEP
Szczegółowy opis  LMX2695-SEP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2695MPAPSEP Arkusz danych(HTML) 64 Page - Texas Instruments

Back Button PLMX2695MPAPSEP Datasheet HTML 60Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 61Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 62Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 63Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 64Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 65Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 66Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 67Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
6.5.3.1.17 R16 Register (Offset = 10h) [Reset = 0001h]
R16 is shown in Table 6-42.
Return to the Summary Table.
Table 6-42. R16 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-9
UNDISCLOSED
R/W
0h
Program this field to 0x0.
8
DBL_BUF_EN
R/W
0h
Enables double buffering.
Double buffering allows the user to program multiple registers
without having them actually take effect until register R0 is written.
When this bit is enabled, sufficient fast charge ON time needs to be
set.
Full Assist Mode requires this bit set to 1.
0h = Disables double buffering
1h = Enables double buffering
7-0
PLL_R
R/W
1h
Reference path Post-R divider.
This is the divider after the Pre-R divider.
LMX2695-SEP
SNAS864 – JULY 2026
www.ti.com
64
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2695-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com