Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2695MPAPSEP Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części PLMX2695MPAPSEP
Szczegółowy opis  LMX2695-SEP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2695MPAPSEP Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button PLMX2695MPAPSEP Datasheet HTML 5Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 6Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 7Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 8Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 9Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 10Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 11Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 12Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
3.2V ≤ VCC ≤ 3.45V, –55°C ≤ TC ≤ +125°C., OSCIN = 100MHz, SM Clock = 12.5MHz, Typical values are at VCC = 3.3V, 25°C
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
H1/2
1/2 Harmonic, single ended
measurement
Measured at 12GHz frequency
Fout = 2 × Fvco =
24GHz
–55
dBc
1/2 Harmonic, differential ended
–60
1/2 Harmonic, single ended
measurement
Measured at 8GHz frequency
Fout = 2 × Fvco =
16GHz
–42
1/2 Harmonic, differential ended
–45
H3/2
3/2 Harmonic, single ended
measurement
Measured at 24GHz frequency
Fout = 2 × Fvco =
16GHz
–45
3/2 Harmonic, differential ended
measurement
–45
Pmute
Single-ended output power leakage
when output is muted
Fout = 24GHz
–40
dBm
Single-ended output power leakage
when output is muted
Fout = 12GHz
–55
Single-ended output power leakage
when output is muted
Fout = 6GHz; RFoutA & RFoutB configured for CHDIV
and both muted
–85
Single-ended output power leakage
when output is muted
Fout = 6GHz; RFoutA & RFoutB configured for CHDIV;
RFoutA muted; measured at RFoutA
–60
tMUTE
Mute enable time
Fout = 12GHz
200
ns
tUNMUTE
Mute disable time
Fout = 12GHz
200
isoCH
Channel to channel isolation (Doubler
to VCO)
RFOUTA = 24GHz; RFOUTB = 12GHz
−39
dBc
Channel to channel isolation (VCO to
CH divider)
RFOUTA = 12GHz; RFOUTB = 6GHz
−53
Channel to channel isolation (Doubler
to CH divider)
RFOUTA = 24GHz; RFOUTB = 6GHz
−41
Phase
Noise
RF Output Frequency Phase Noise
Fout = 24GHz
1kHz
−92.5
dBc/Hz
10kHz
−102
100kHz
−104
1MHz
−112.5
10MHz
−138
100MHz
−150.7
Fout = 15GHz
1kHz
−97
10kHz
−105.5
100kHz
−107.5
1MHz
−115
10MHz
−140
100MHz
−156
Jitter
RMS Jitter
Fout = 24GHz, fOSCin = 100MHz, fPD = 200MHz;
Integration range 1kHz to 100MHz
54
fs
Skew
Skew between RFOUTA and
RFOUTB
RFOUTA = RFOUTB = 16GHz
32
ps
RFOUTA = RFOUTB = 8GHz
6
RFOUTA = RFOUTB = 4GHz
5
INPUT SIGNAL PATH
fOSCin
Reference input frequency
OSC_2X = 0
5
1200
MHz
OSC_2X = 1
5
200
vOSCin
Reference input voltage
Single-ended AC coupled sine wave
input with complementary side AC
coupled to ground with 50Ω resistor
fOSCin ≥ 20MHz
0.4
2
VPP
10MHz ≤ fOSCin <
20MHz
0.8
2
5MHz ≤ fOSCin <
10MHz
1.6
2
PHASE DETECTOR AND CHARGE PUMP
www.ti.com
LMX2695-SEP
SNAS864 – JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LMX2695-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com