Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2695MPAPSEP Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części PLMX2695MPAPSEP
Szczegółowy opis  LMX2695-SEP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2695MPAPSEP Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button PLMX2695MPAPSEP Datasheet HTML 2Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 3Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 4Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 5Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 6Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 7Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 8Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 9Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE(1)
TYPE
DESCRIPTION
NO.
NAME
34
MUXout
—
—
Multiplexed output pin. Can output: lock detect, SPI readback and diagnostics.
35
CSB
—
SPI chip select bar. High impedance CMOS input. 1.6V – 3.3V logic.
36
GND
—
Ground
Ground
37
VccBUF
—
—
Output buffer supply. Connect to 3.3V with a 0.1µF capacitor to ground.
38
GND
—
Ground
Ground
39
RFoutAM
O
—
Differential output A Pair. 50Ω resistor pullup to VCC is integrated.
40
RFoutAP
O
—
Differential output A Pair. 50Ω resistor pullup to VCC is integrated.
41
GND
—
Ground
Ground
42
VccBUF
—
—
Output buffer supply. Connect to 3.3V with a 0.1µF capacitor to ground.
43
GND
—
Ground
Ground
44
VccVCO2
—
—
VCO supply. Connect to 3.3V with a 0.1µF and a 10µF capacitor to ground.
45
VbiasVCO2
—
—
VCO bias. Requires connecting 1µF capacitor to ground.
46
SysRefReq
I
—
SYSREF request input for JESD204B/C support.
47
VrefVCO2
—
—
VCO supply reference. Requires connecting 10µF capacitor to ground.
48
RECAL_EN
I
—
Enables the automatic recalibration feature. Low on this pin does not trigger
calibration. High on this means the calibration is triggered whenever the device
is unlocked after certain delay. This pin has internally 200kΩ pull-up.
49
CDIV0
I
4-level pin
Controls the Channel Divider along with CDIV2 and CDIV1 in Pin-mode option.
Refer Pin-mode description details in Pin-Mode Integer Frequency Generation for
more details.
50
CDIV1
I
4-level pin
Controls the Channel Divider along with CDIV0 and CDIV2 in Pin-mode option.
Refer Pin-mode description details in Pin-Mode Integer Frequency Generation for
more details.
51
CDIV2
I
4-level pin
Controls the Channel Divider along with CDIV1 and CDIV0 in Pin-mode option.
Refer Pin-mode description details in Pin-Mode Integer Frequency Generation for
more details.
52
GND
—
Ground
Ground
53
VbiasVARAC
—
—
VCO Varactor bias. Requires connecting 10µF capacitor to ground.
54
GND
—
Ground
Ground
55
Vtune
I
—
VCO tuning voltage input.
56
VrefVCO
—
—
VCO supply reference. Requires connecting 10µF capacitor to ground.
57
VccVCO
—
—
VCO supply. Connect to 3.3V with a 0.1µF and a 10µF capacitor to ground.
58
VregVCO
—
—
VCO regulator node. Requires connecting 1µF capacitor to ground.
59
GND
—
Ground
Ground
60
GND
—
Ground
Ground
61
NC
—
NC
Connect this pin to VCC through 1KΩ resistor.
62
NDIV5
I
4-level pin
Integer N divider bit 5 in Pin-mode. This is part of NDIV5-NDIV0, 6 bit value for N
divider setting. Refer Pin-mode description details in Pin-Mode Integer Frequency
Generation for more details.
63
NDIV4
I
4-level pin
Integer N divider bit 4 in Pin-mode. This is part of NDIV5-NDIV0, 6 bit value for N
divider setting. Refer Pin-mode description details in Pin-Mode Integer Frequency
Generation for more details.
64
NDIV3
I
4-level pin
Integer N divider bit 3 in Pin-mode. This is part of NDIV5-NDIV0, 6 bit value for N
divider setting. Refer Pin-mode description details in Pin-Mode Integer Frequency
Generation for more details.
—
DAP
—
Ground
Die Attach Pad. Connect DAP to PCB ground plane using multiple vias for good
thermal performance.
(1)
I=Input; O=Output
LMX2695-SEP
SNAS864 – JULY 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2695-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com