Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2695MPAPSEP Arkusz danych(PDF) 28 Page - Texas Instruments

Numer części PLMX2695MPAPSEP
Szczegółowy opis  LMX2695-SEP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2695MPAPSEP Arkusz danych(HTML) 28 Page - Texas Instruments

Back Button PLMX2695MPAPSEP Datasheet HTML 24Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 25Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 26Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 27Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 28Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 29Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 30Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 31Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
Table 6-5. Minimum VCO_SEL for Partial Assist
fVCO
VCO CORE (MIN)
7500 - 8600MHz
VCO1
8600 - 9900MHz
VCO2
9900 - 10800MHz
VCO3
10800 -11900MHz
VCO4
11900 - 13000MHz
VCO5
13000 - 14000MHz
VCO6
14000 - 15000MHz
VCO7
For fastest calibration time, use the minimum VCO core as recommended in the previous table. The following
table shows typical VCO calibration times with or without analog lock time for this choice in bold as well as
showing how long the calibration time is increased if a higher than necessary VCO core is chosen. Realize that
these calibration times are specific to these fOSC and fPD conditions specified and at the boundary of two cores,
sometimes the calibration time can be increased.
Table 6-6. Typical Calibration Times (µs) Without Analog Lock Time for fOSC = 100MHz, fPD = 200MHz and
fSM = 50MHz
fVCO
VCO_SEL
VCO7
VCO6
VCO5
VCO4
VCO3
VCO2
VCO1
8.1GHz
650
614
620
376
256
243
191
9.3GHz
606
589
587
335
196
177
Invalid
10.4GHz
598
579
570
338
177
Invalid
11.4GHz
543
540
530
284
Invalid
12.5GHz
396
346
300
Invalid
13.6GHz
262
218
Invalid
14.7GHz
164
Invalid
Table 6-7. Typical Calibration Times (µs) With Analog Lock Time for fOSC = 100MHz, fPD = 200MHz and fSM
= 50MHz
fVCO
VCO_SEL(1)
VCO7
VCO6
VCO5
VCO4
VCO3
VCO2
VCO1
8.1GHz
854
828
822
579
451
437
393
9.3GHz
819
800
794
551
401
380
Invalid
10.4GHz
808
786
781
551
388
Invalid
11.4GHz
767
745
743
494
Invalid
12.5GHz
603
560
513
Invalid
13.6GHz
469
426
Invalid
14.7GHz
385
Invalid
(1)
This include Analog lock time for typical loop bandwidth (300kHz).
6.3.7.2 Determining the VCO Gain
The VCO gain can vary based on core, and this can vary over temperature and process. Table 6-8 provides a
rough guideline of expected VCO gain values based on the VCO core.
Based in this table, the VCO gain can be estimated for an arbitrary VCO frequency of fVCO as Equation 3:
Kvco = Kvco1 + (Kvco2-Kvco1) × (fVCO – f1) / (f2 – f1)
(3)
Table 6-8. VCO Gain
f1
f2
Kvco1
Kvco2
7500
8600
73
112
LMX2695-SEP
SNAS864 – JULY 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2695-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com