Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2695MPAPSEP Arkusz danych(PDF) 60 Page - Texas Instruments

Numer części PLMX2695MPAPSEP
Szczegółowy opis  LMX2695-SEP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2695MPAPSEP Arkusz danych(HTML) 60 Page - Texas Instruments

Back Button PLMX2695MPAPSEP Datasheet HTML 56Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 57Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 58Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 59Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 60Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 61Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 62Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 63Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
6.5.3.1.13 R12 Register (Offset = Ch) [Reset = 0000h]
R12 is shown in Table 6-38.
Return to the Summary Table.
Table 6-38. R12 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
MASH_SEED[15:0]
R/W
0h
Lower 16 bits of MASH_SEED, total 32 bits.
LMX2695-SEP
SNAS864 – JULY 2026
www.ti.com
60
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2695-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com