Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2695MPAPSEP Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części PLMX2695MPAPSEP
Szczegółowy opis  LMX2695-SEP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2695MPAPSEP Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button PLMX2695MPAPSEP Datasheet HTML 3Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 4Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 5Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 6Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 7Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 8Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 9Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 10Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Power supply voltage(1)
–0.3
3.6
V
VDIG
Digital pin voltage (SYNC, SysRefReq, RECAL_EN, CAL, MUXout, REF_DBLR_EN, MuteX,
OUTMUXx, CHDIVx, NDIVx)
−0.3
3.6
V
|VOSCin|
Differential AC voltage between OSCinP and OSCinM
2.1
VPP
TJ
Junction temperature
–55
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/ JEDEC JS-002, all pins(2)
±750
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500 V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250 V CDM is possible with the necessary precautions.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Power supply voltage
3.2
3.3
3.45
V
TC
Case temperature
–55
25
125
°C
5.4 Thermal Information
THERMAL METRIC(1)
CQFP
UNIT
64 PINS
RθJA
Junction-to-ambient thermal resistance
19.95
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
6.84
°C/W
RθJB
Junction-to-board thermal resistance
5.91
°C/W
ψJT
Junction-to-top characterization parameter
0.11
°C/W
ψJB
Junction-to-board characterization parameter
5.87
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance (2)
0.45
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
(2)
DAP
www.ti.com
LMX2695-SEP
SNAS864 – JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LMX2695-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com