Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2695MPAPSEP Arkusz danych(PDF) 39 Page - Texas Instruments

Numer części PLMX2695MPAPSEP
Szczegółowy opis  LMX2695-SEP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2695MPAPSEP Arkusz danych(HTML) 39 Page - Texas Instruments

Back Button PLMX2695MPAPSEP Datasheet HTML 35Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 36Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 37Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 38Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 39Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 40Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 41Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 42Page - Texas Instruments PLMX2695MPAPSEP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
NDIVx provides total of 4096 integer divider options in Pin-mode. Numerator (PLL_NUM) and Denominator
(PLL_DEN) are not available in Pin-mode for fractional PLL and is only possible through SPI-mode. The
minimum value for N divider restriction for Pin-mode NDIVx values are similar to the SPI-mode option. Refer to
Table 6-2 for the N divider minimum value setting. Based on the N-divider decimal value, each NDIVx pin setting
can be calculated with equivalent base 4.
Table 6-16. NDIVx Pin-Mode N-Divider Values
NDIV5
NDIV4
NDIV3
NDIV2
NDIV1
NDIV0 N-
DIVIDE
R
VALUE
VL
VL
VL
VL
VL
VL
0
VL
VL
VL
VL
VL
VML
1
VL
VL
VL
VL
VL
VMH
2
VL
VL
VL
VL
VL
VH
3
VL
VL
VL
VL
VML
VL
4
VL
VL
VL
VL
VML
VML
5
VL
VL
VL
VL
VML
VMH
6
VL
VL
VL
VL
VML
VH
7
VL
VL
VL
VL
VMH
VL
8
. . .
. . .
. . .
. . .
VL
VL
VL
VH
VMH
VH
59
VL
VL
VL
VH
VH
VL
60
VL
VL
VL
VH
VH
VML
61
VL
VL
VL
VH
VH
VMH
62
. . .
. . .
. . .
. . .
VH
VH
VH
VH
VH
VL
4092
VH
VH
VH
VH
VH
VML
4093
VH
VH
VH
VH
VH
VMH
4094
VH
VH
VH
VH
VH
VH
4095
All combinations of Channel Divider settings which are available in SPI-mode are also available in Pin-mode
option using CDIVx pins. Refer to Table 6-17 for CDIVx settings in Pin-mode, CHDIV<4:0> settings in SPI-mode
and the corresponding Channel Divider value. Based on the Channel Divider value needed, CDIV2, CDIV1,
CDIV0 pins needed to be connected to one of the four levels.
Table 6-17. CDIVx Pin-Mode Divider Values
CDIV2
CDIV1
CDIV0
CHDIV<4:0>
EQUIVALENT IN
SPI MODE
CHANNEL
DIVIDER VALUE
VL
VL
VL
0
SPI mode
VL
VML
VL
1
2
VL
VMH
VL
2
4
VL
VMH
VH
3
6
VML
VL
VL
4
8
VML
VL
VH
5
12
VML
VML
VL
6
16
VML
VML
VH
7
24
VML
VMH
VL
8
32
VML
VMH
VH
9
48
VML
VH
VL
10
64
www.ti.com
LMX2695-SEP
SNAS864 – JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LMX2695-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com