Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSC8112 Arkusz danych(PDF) 31 Page - Freescale Semiconductor, Inc

Numer części MSC8112
Szczegółowy opis  Dual Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8112 Arkusz danych(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MSC8112 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
MSC8112 Dual Core Digital Signal Processor Data Sheet, Rev. 0
Freescale Semiconductor
31
2.5.8
UART Timing
2.5.9
Timer Timing
Table 22. UART Timing
No.
Characteristics
Expression
Min
Max
Un
it
400
URXD and UTXD inputs high/low duration
16
× TREFCLK
160.0
ns
401
URXD and UTXD inputs rise/fall time
10
ns
402
UTXD output rise/fall time
10
ns
Figure 20. UART Input Timing
Figure 21. UART Output Timing
Table 23. Timer Timing
No.
Characteristics
Ref = CLKIN
Unit
Min
Max
500
TIMERx frequency
10.0
ns
501
TIMERx Input high period
4.0
ns
502
TIMERx Output low period
4.0
ns
503
TIMERx Propagations delay from its clock input
3.1
9.5
ns
Figure 22. Timer Timing
UTXD, URXD
400
inputs
400
401
401
UTXD output
402
402
500
502
501
TIMERx (Input)
TIMERx (Output)
503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com