Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PSD4135F2-15UI Arkusz danych(PDF) 64 Page - STMicroelectronics

Numer części PSD4135F2-15UI
Szczegółowy opis  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F2-15UI Arkusz danych(HTML) 64 Page - STMicroelectronics

Back Button PSD4135F2-15UI Datasheet HTML 60Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 61Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 62Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 63Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 64Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 65Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 66Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 67Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
9.5.3.4 Reset of Flash Erase and Programming Cycles
An external reset on the RESET pin will also reset the internal Flash memory state
machine. When the Flash is in programming or erase mode, the RESET pin will terminate
the programming or erase operation and return the Flash back to read mode in tNLNH-A
(minimum 25 µs) time.
9.6 Programming In-Circuit using the JTAG-ISP Interface
The JTAG-ISP interface on the PSD4000 can be enabled on Port E (see Table 29). All
memory (Flash and Flash Boot Block), PLD logic, and PSD configuration bits may be
programmed through the JTAG-ISC interface. A blank part can be mounted on a printed
circuit board and programmed using JTAG-ISP.
The standard JTAG signals (IEEE 1149.1) are TMS, TCK, TDI, and TDO. Two additional
signals, TSTAT and TERR, are optional JTAG extensions used to speed up program and
erase operations.
Preliminary Information
PSD4000 Series
61
Port E Pin
JTAG Signals
Description
PE0
TMS
Mode Select
PE1
TCK
Clock
PE2
TDI
Serial Data In
PE3
TDO
Serial Data Out
PE4
TSTAT
Status
PE5
TERR
Error Flag
Table 29. JTAG Port Signals
The
PSD4000
Functional
Blocks
(cont.)
*SR_cod bit in the VM Register are always cleared to zero on power on or warm reset.
Port Configuration
Power On Reset
Warm Reset
Power Down Mode
MCU I/O
Input Mode
Input Mode
Unchanged
PLD Output
Valid after internal
Valid
Depend on inputs to
PSD configuration
PLD (address are
bits are loaded
blocked in PD mode)
Address Out
Tri-stated
Tri-stated
Not defined
Data Port
Tri-stated
Tri-stated
Tri-stated
Table 28. Status During Power On Reset, Warm Reset and Power Down Mode
Register
Power On Reset
Warm Reset
Power Down Mode
PMMR0, 2
Cleared to “0”
Unchanged
Unchanged
VM Register*
Initialized based on
Initialized based on
Unchanged
the selection in
the selection in
PSDsoft
PSDsoft
Configuration Menu.
Configuration Menu.
All other registers
Cleared to “0”
Cleared to “0”
Unchanged
By default, on a blank PSD (as shipped from factory or after erasure), four pins on Port E
are enabled for the basic JTAG signals TMS, TCK, TDI, and TDO.
See Application Note 54 for more details on JTAG In-System-Programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com