Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PSD4135F2-15UI Arkusz danych(PDF) 36 Page - STMicroelectronics

Numer części PSD4135F2-15UI
Szczegółowy opis  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F2-15UI Arkusz danych(HTML) 36 Page - STMicroelectronics

Back Button PSD4135F2-15UI Datasheet HTML 32Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 33Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 34Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 35Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 36Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 37Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 38Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 39Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
Preliminary Information
PSD4000 Series
33
The
PSD4000
Functional
Blocks
(cont.)
9.2.1 Decode PLD (DPLD)
The DPLD, shown in Figure 10, is used for decoding the address for internal components.
The DPLD can generate the following decode signals:
• 8 sector selects for the main Flash memory (three product terms each)
• 4 sector selects for the Secondary Flash memory (three product terms each)
• 1 internal SRAM select (three product terms)
• 1 internal CSIOP select (select PSD registers, one product term)
Inputs to the DPLD chip selects may include address inputs, Page Register inputs and
other user defined external inputs from Ports A, B, C, D or F.
9.2.2 General Purpose PLD (GPLD)
The General Purpose PLD implements user defined system combinatorial logic function
or chip selects for external devices. Figure 11 shows how the GPLD is connected to the
I/O Ports. The GPLD has 24 outputs and each are routed to a port pin. The port pin can
also be configured as input to the GPLD. When it is not used as GPLD output or input, the
pin can be configured to perform other I/O functions.
All GPLD outputs are identical except in the number of available product terms (PTs) for
logic implementation. Select the pin that can best meet the PT requirement of your logic
function or chip select. In general, a PT is consumed for each logic “OR” function that you
specify in PSDsoft. However, certain logic functions can consume more than one PT even
if no logic “OR” is specified (such as specifying an address range with boundaries of high
granularity).
Table 13 shows the number of “native” PTs for each GPLD output pin. A native PT means
that a particular PT is dedicated to an output pin. For example, Table 13 shows that PSD
Port A pin PA0 has 3 native product terms. This means a guaranteed minimum of 3 PTs is
available to implement logic for that pin.
PSD silicon and PSDsoft can include additional PTs beyong the native PTs to implement
logic. This is a transparent operation that occurs as needed through PT expansion
(internal feedback) or PT allocation (internal borrowing). You may notice in the fitter report
generated by PSDsoft that for a given GPLD output pin, more PTs were used to implement
logic than the number of native PTs available for that pin. This is because PSDsoft has
called on unused PTs from other GPLD output pins to make your logic design fit (PT
allocation or PT expansion). For optimum results, choose a GPLD output pin with a large
number of native PTs for complicated logic.
GPLD Output on Port Pin
Number of Native
Product Terms
Port A, pins PA0-3
3
Port A, pins PA4-7
9
Port B, pins PB0-3
4
Port B, pins PB4-7
7
Port C, pins PC0-7
1
Table 13. GPLD Product Term Availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com