Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PSD4135F2-15UI Arkusz danych(PDF) 73 Page - STMicroelectronics

Numer części PSD4135F2-15UI
Szczegółowy opis  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F2-15UI Arkusz danych(HTML) 73 Page - STMicroelectronics

Back Button PSD4135F2-15UI Datasheet HTML 69Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 70Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 71Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 72Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 73Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 74Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 75Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 76Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
PSD4000 Series
Preliminary Information
70
-70
-90
Symbol
Parameter
Conditions
Min
Max
Min
Max
Unit
tLVLX
ALE or AS Pulse Width
15
20
tAVLX
Address Setup Time
(Note 1)
4
6
ns
tLXAX
Address Hold Time
(Note 1)
7
8
ns
tAVWL
Address Valid to Leading
Edge of WR
(Notes 1 and 3)
8
15
ns
t SLWL
CS Valid to Leading Edge of WR
(Note 3)
12
15
ns
t DVWH
WR Data Setup Time
(Note 3)
25
35
ns
t WHDX
WR Data Hold Time
(Note 3)
4
5
ns
t WLWH
WR Pulse Width
(Note 3)
28
35
ns
tWHAX1
Trailing Edge of WR to Address
Invalid
(Note 3)
6
8
ns
tWHAX2
Trailing Edge of WR to DPLD
Address Input Invalid
(Note 3 and 4)
0
0
ns
tWHPV
Trailing Edge of WR to Port Output
Valid Using I/O Port Data Register
(Note 3)
27
30
ns
tAVPV
Address Input Valid to Address
(Note 2)
20
25
ns
Output Delay
Write Timing (5 V ± 10% Versions)
NOTES: 1.
Any input used to select an internal PSD4000 function.
2.
In multiplexed mode, latched addresses generated from ADIO delay to address output on any Port.
3.
WR timing has the same timing as E, DS, LDS, UDS, WRL, and WRH signals.
4.
tWHAX2 is Address Hold Time for DPLD inputs that are used to generate chip selects for internal PSD memory.
Microcontroller Interface – PSD4000 AC/DC Parameters
(5V ± 10% Versions)
-70
-90
Slew
TURBO
Rate
Symbol
Parameter
Conditions
Min
Max
Min
Max
OFF
(Note 1)
Unit
tPD
PLD Input Pin/Feedback to
20
25
Add 12
Sub 2
ns
PLD Combinatorial Output
tARD
PLD Array Delay
11
16
ns
PLD Combinatorial Timing (5 V ± 10%)
NOTE: 1. Fast Slew Rate output available on Port C and F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com