Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PSD4135F2-15UI Arkusz danych(PDF) 54 Page - STMicroelectronics

Numer części PSD4135F2-15UI
Szczegółowy opis  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F2-15UI Arkusz danych(HTML) 54 Page - STMicroelectronics

Back Button PSD4135F2-15UI Datasheet HTML 50Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 51Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 52Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 53Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 54Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 55Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 56Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 57Page - STMicroelectronics PSD4135F2-15UI Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 93 page
background image
Preliminary Information
PSD4000 Series
Drive
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
Port A
Open
Open
Open
Open
Open
Open
Open
Open
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Port B
Open
Open
Open
Open
Open
Open
Open
Open
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Port C
Slew
Slew
Slew
Slew
Slew
Slew
Slew
Slew
Rate
Rate
Rate
Rate
Rate
Rate
Rate
Rate
Port D
Open
Open
Open
Open
Drain
Drain
Drain
Drain
Port E
Open
Open
Open
Open
Open
Open
Open
Open
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Port F
Slew
Slew
Slew
Slew
Slew
Slew
Slew
Slew
Rate
Rate
Rate
Rate
Rate
Rate
Rate
Rate
Port G
Open
Open
Open
Open
Open
Open
Open
Open
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Table 22. Drive Register Pin Assignment
The
PSD4000
Functional
Blocks
(cont.)
9.4.3.3 Drive Select Register
The Drive Select Register configures the pin driver as Open Drain or CMOS for some port
pins, and controls the slew rate for the other port pins. An external pull-up resistor should
be used for pins configured as Open Drain.
A pin can be configured as Open Drain if its corresponding bit in the Drive Select Register
is set to a ‘1’. The default pin drive is CMOS.
Aside: the slew rate is a measurement of the rise and fall times of an output. A higher
slew rate means a faster output response and may create more electrical noise. A pin
operates in a high slew rate when the corresponding bit in the Drive Register is set to ‘1’.
The default rate is slow slew.
Table 22 shows the Drive Register for Ports A, B, C, D, E, F and G. It summarizes which
pins can be configured as Open Drain outputs and which pins the slew rate can be set for.
51
9.4.4 Port Data Registers
The Port Data Registers, shown in Table 23, are used by the microcontroller to write data
to or read data from the ports. Table 23 shows the register name, the ports having each
register type, and microcontroller access for each register type. The registers are
described below.
9.4.4.1 Data In
Port pins are connected directly to the Data In buffer. In MCU I/O input mode, the pin input
is read through the Data In buffer.
9.4.4.2 Data Out Register
Stores output data written by the MCU in the MCU I/O output mode. The contents of the
Register are driven out to the pins if the Direction Register or the output enable
product term is set to “1”. The contents of the register can also be read back by the
microcontroller.
Register Name
Port
MCU Access
Data In
A,B,C,D,E,F,G
Read – input on pin
Data Out
A,B,C,D,E,F,G
Write/Read
Table 27. Port Data Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com